Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C24P Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZD27C24P
Description  0.8 Watts Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZD27C24P Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZD27C24P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZD27C24P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZD27C24P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZD27C24P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V(BR)@Itest
Itest
Vc
@IRSM (Note 1)
IR
@VWM
VmA
V
A
uA
V
Min.
Min.
Max
Max.
Max.
BZD27C11P
10.4
50
0.05
0.10
15.7
9.6
5
9.1
BZD27C12P
11.4
50
0.05
0.10
17
8.8
5
10
BZD27C13P
12.4
50
0.05
0.10
18.9
7.9
5
11
BZD27C15P
13.8
50
0.05
0.10
20.9
7.2
5
12
BZD27C16P
15.3
25
0.06
0.11
22.9
6.6
5
13
BZD27C18P
16.8
25
0.06
0.11
25.6
5.9
5
15
BZD27C24P
22.8
25
0.06
0.11
33.8
4.4
5
20
BZD27C27P
25.1
25
0.06
0.11
38.1
3.9
5
22
BZD27C30P
28
25
0.06
0.11
42.2
3.6
5
24
BZD27C33P
31
25
0.06
0.11
46.2
3.2
5
27
BZD27C36P
34
10
0.06
0.11
50.1
3
5
30
BZD27C39P
37
10
0.06
0.11
54.1
2.8
5
33
BZD27C43P
40
10
0.07
0.12
60.7
2.5
5
36
BZD27C47P
44
10
0.07
0.12
65.5
2.3
5
39
BZD27C51P
48
10
0.07
0.12
70.8
2.1
5
43
BZD27C62P
58
10
0.08
0.13
86.5
1.7
5
51
BZD27C68P
64
10
0.08
0.13
94.4
1.6
5
56
BZD27C75P
70
10
0.08
0.13
103.5
1.5
5
62
BZD27C100P
94
5
0.09
0.13
139
1.1
5
82
BZD27C120P
114
5
0.09
0.13
152
0.65
5
100
BZD27C180P
168
5
0.09
0.13
229
0.43
5
150
BZD27C200P
188
5
0.09
0.13
254
0.39
5
160
BZD27C220P
208
5
0.09
0.13
279
0.35
5
176
Notes: 1. Non-repetitive peak reverse current in accordance with "IEC 60-1, Section 8" (10/1000 us pulse)
Version:O11
Reverse Current@
Stand-Off Voltage
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
ALPHz@Itest
%/℃
Rev.
Breakdown
Voltage
Test
Current
Temperature
Coefficient
Clamping Voltage


Similar Part No. - BZD27C24P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C24P VAISH-BZD27C24P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C24P SUNMATE-BZD27C24P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C24P TSC-BZD27C24P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C24P TSC-BZD27C24P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C24P TSC-BZD27C24P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C24P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD17C TSC-BZD17C Datasheet
449Kb / 3P
   0.8 Watts Voltage Regulator Diodes
BZD27C TSC-BZD27C_11 Datasheet
206Kb / 4P
   1.0 Watts Voltage Regulator Diodes
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com