Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21W Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21W
Description  410mW High Voltage SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21W Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV21W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAV19W/BAV20W/BAV21W
410mW High Voltage SMD Switching Diode
Small Signal Diode
Rating and Characteristic Curves
FIG 1 Admissible Power Dissipation Curve
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Ambient Temperature (°C)
Junction Temperature (℃)
FIG 2 Typical Forward Characterisics
0.01
0.1
1
10
100
1000
01
2
Forward Voltage (V)
Tj=25°C
FIG 3 Leakage Current vs Junction
Temperature
0.01
0.1
1
10
100
0
100
200
Version : D10


Similar Part No. - BAV21W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21W PANJIT-BAV21W Datasheet
54Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Shunye Electro...
BAV21W SHUNYE-BAV21W Datasheet
925Kb / 2P
   FAST SWITCHING DIODES
logo
Taiwan Semiconductor Co...
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
Zibo Seno Electronic En...
BAV21W ZSELEC-BAV21W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
Diodes Incorporated
BAV21W DIODES-BAV21W Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAV21W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19W TSC-BAV19W_15 Datasheet
235Kb / 4P
   410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_10 Datasheet
251Kb / 3P
   410mW High Voltage SMD Switching Diode
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
   410mW Surface Mount Switching Diode-100V
logo
Taiwan Semiconductor Co...
B0520LW TSC-B0520LW_10 Datasheet
162Kb / 3P
   410mW, Low VF SMD Schottky Barrier Diode
B0540W TSC-B0540W Datasheet
87Kb / 2P
   410mW, Low VF SMD Schottky Barrier Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
Won-Top Electronics
BZT52C2V4 WTE-BZT52C2V4 Datasheet
60Kb / 5P
   410mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com