Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C15 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # AZ23C15
Description  300mW, Dual SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

AZ23C15 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  AZ23C15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd AZ23C15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd AZ23C15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd AZ23C15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZ23C2V7-AZ23C51
300mW, Dual SMD Zener Diode
Small Signal Diode
VZ Tolerance ≦ ±5%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-123 small outline plastic package
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.043
Part No.
Package code
Package
Packing
AZ23C2V7-51
RF
SOT-23
3Kpcs / 7" Reel
AZ23C2V7-51
RFG
SOT-23
3Kpcs / 7" Reel
Maximum Ratings
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
300
RθJA
mW
SOT-23
PD
Unit (inch)
Unit (mm)
C
Zener I vs. V Characteristics
Thermal Resistance (Junction to Ambient)
(Note 1)
Power Dissipation
Junction and Storage Temperature Range
Maximum Ratings and Electrical Characteristics
Type Number
Symbol
TJ, TSTG
420
°C
Ordering Information
Rating at 25°C ambient temperature unless otherwise specified.
°C/W
-55 to + 150
Suggested PAD Layout
E
F
Features
Mechanical Data
A
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Wide zener voltage range selection : 2.7V to 51V
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
B
Value
Units
D
High temperature soldering guaranteed: 260°C/10s
Weight : 8.85±0.5 mg
B
A
C
D
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
F
E
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
Version : B10


Similar Part No. - AZ23C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C15 VISHAY-AZ23C15 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C15 JIANGSU-AZ23C15 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C15 DIODES-AZ23C15 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Diode Semiconductor Kor...
AZ23C15 DSK-AZ23C15 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diodes Incorporated
AZ23C15 DIODES-AZ23C15 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results

Similar Description - AZ23C15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com