Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C3V3 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # AZ23C3V3
Description  300mW, Dual SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

AZ23C3V3 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  AZ23C3V3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd AZ23C3V3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd AZ23C3V3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd AZ23C3V3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ23C2V7-AZ23C51
300mW, Dual SMD Zener Diode
Small Signal Diode
Rating and Characteristic
Version : B10
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Volatge (V)
FIG 1 Typical Forward Characteristics
1.E-02
1.E-01
1.E+00
1.E+01
012
34
567
89
10 11 12
Zener Volatge (V)
FIG 2 Zener Breakdown Characteristics
Ta=25°C
Ta=25°C
Ta=75°C
250
300
350
400
FIG 4 Admissible Power Dissipation Curve
1.E+01
FIG 3 Zener Breakdown Characteristics
0
50
100
150
200
0
20
40
60
80
100
120
140
160
Ambient Temperature (oC)
1.E-02
1.E-01
1.E+00
10
20
30
40
50
60
70
80
Zener Volatge (V)
Zener Volatge (V)
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020304050607080
Nominal Zener Volatge (V)
FIG 5 Typical Leadkage Current
Ta=25°C
Ta=150°C
Version : A09


Similar Part No. - AZ23C3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C3V3 VISHAY-AZ23C3V3 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diode Semiconductor Kor...
AZ23C3V3 DSK-AZ23C3V3 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diodes Incorporated
AZ23C3V3 DIODES-AZ23C3V3 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Surge Components
AZ23C3V3 SURGE-AZ23C3V3 Datasheet
1Mb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
AZ23C3V3 TSC-AZ23C3V3 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - AZ23C3V3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com