Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLF302512MT-150M Datasheet(PDF) 2 Page - TDK Electronics

Part # VLF302512MT-150M
Description  SMD Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF302512MT-150M Datasheet(HTML) 2 Page - TDK Electronics

  VLF302512MT-150M Datasheet HTML 1Page - TDK Electronics VLF302512MT-150M Datasheet HTML 2Page - TDK Electronics VLF302512MT-150M Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2/3)
002-02 / 20101028 / e531_vlf302512mt.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 30%, whichever is smaller.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
VLF302512MT-1R0N
VLF302512MT-1R5N
VLF302512MT-2R2M
VLF302512MT-3R3M
VLF302512MT-4R7M
VLF302512MT-6R8M
Part No.
Inductance
(µH)
Inductance
tolerance(%)
Test frequency
(MHz)
DC resistance(
Ω )
Rated current(A)
max.
typ.
Based on inductance
change Idc1
Based on temperature
rise Idc2
max.
typ.
typ.
VLF302512MT-1R0N
1.0
±30
1.0
0.037
0.031
1.91
2.12
2.77
VLF302512MT-1R5N
1.5
±30
1.0
0.044
0.037
1.67
1.85
2.54
VLF302512MT-2R2M
2.2
±20
1.0
0.066
0.055
1.26
1.40
1.95
VLF302512MT-3R3M
3.3
±20
1.0
0.108
0.090
1.08
1.20
1.63
VLF302512MT-4R7M
4.7
±20
1.0
0.136
0.113
0.97
1.08
1.42
VLF302512MT-6R8M
6.8
±20
1.0
0.194
0.162
0.78
0.84
1.21
VLF302512MT-100M
10
±20
1.0
0.299
0.249
0.62
0.69
0.95
VLF302512MT-150M
15
±20
1.0
0.448
0.373
0.51
0.57
0.80
VLF302512MT-220M
22
±20
1.0
0.700
0.583
0.43
0.47
0.64
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1
1.5
2
2.5
DC current (A)
0
0.5
1
1.5
2
0.0
0.5
1.0
1.5
DC current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
DC current (A)
0
0.5
1
0.0
1.0
2.0
0.5
1.5
2.5
3.0
3.5
DC current (A)
0
0.6
0.4
0.2
0.8
1
1.2
0.0
1.0
2.0
3.0
4.0
5.0
DC current (A)
0.0
2.0
1.0
4.0
3.0
6.0
5.0
7.0
0
0.2
0.4
0.6
0.8
1
DC current (A)


Similar Part No. - VLF302512MT-150M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLF302512MT-150M TDK-VLF302512MT-150M Datasheet
568Kb / 53P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - VLF302512MT-150M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
N08DPA151K TAIYO-YUDEN-N08DPA151K Datasheet
249Kb / 6P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com