Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH39-27S-0.3SHW Datasheet(PDF) 10 Page - Hirose Electric

Part # FH39-27S-0.3SHW
Description  0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH39-27S-0.3SHW Datasheet(HTML) 10 Page - Hirose Electric

Back Button FH39-27S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 9Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 10Page - Hirose Electric FH39-27S-0.3SHW Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rotate
Rotate
Excessive force after the actuator is already closed
Excessive force after the actuator is already closed
Excessive force after the actuator is already closed
Push at the center of the actuator.
Push at the center of the actuator.
Do NOT close at the ends.
Do NOT close at the ends.
Rotate (lift)
Rotate (lift)
Do not attempt to open more than 90°
Do not attempt to open more than 90°
Lift at the center
Lift at the center
Do not open (lift) at one end.
Do not open (lift) at one end.
Operation
3. Locking
After FPC/FFC insertion, rotate the actuator down to a full stop, pushing it at the center.
4. FPC removal (Lock release)
Carefully rotate the actuator up to 90°, lifting it at the center.
* The actuator opens by rotating it in the direction OPPOSITE to the direction of the insertion of the FPC.
DO NOT attempt to open it from the same side as the insertion of the FPC.
FH39 Seriesq0.3 mm Pitch, 1.2 mm above the board, Top and bottom Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
10
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH39-27S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
   0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
More results

Similar Description - FH39-27S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
   0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com