Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM16X21B Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM16X21B
Description  Character Type LCD Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM16X21B Datasheet(HTML) 1 Page - Sharp Corporation

  LM16X21B Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mass-production
LM16X21B
Character Type LCD Module
Features
n
16 characters x 2 lines
n
STN LCD (Transmissive)
n
5 x 7 dots with cursor
n
Suitable for telephone & facsimile etc.,
Specifications
Parameter
Unit
Parameter
Unit
No. of characters
16 x 2
-
Power consumption panel
408
mW
Character size(H x V)
2.96 x 4.86
mm
& backlight
Viewing area (H x V)
61.0 x 15.8
mm
Supply voltage
5
(V)
Panel type
STN
-
Outline dimensions (W x H x D) 84.0 x 44.0 x 16.0
mm
Panel mode
Transmissive
-
Weight
40
g
Viewing direction
Normal view
-
Operating temperature
0 to + 50
∞C
Backlight type
LED
-
Storage temperature
-25 to + 70
∞C
Backlight color
Yellow-green
-
Outline Dimensions
unit : mm
2.96
0.59
0.04
2
2- 0.9
7.5
0.56
1.9
79
84
Viewing Area
61X15.8
1.5
71.2
56.21
4
Pin1
6.2
9.9
76
(2.54PX13)
33.02
Pin14
14- 1
2- 2.5
2-R1.25


Similar Part No. - LM16X21B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16X212 SHARP-LM16X212 Datasheet
178Kb / 5P
   LIQUID CRYSTAL DISPLAY GROUP
More results

Similar Description - LM16X21B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16255 SHARP-LM16255 Datasheet
20Kb / 1P
   Character Type LCD Module
logo
List of Unclassifed Man...
PVC160203PGL01 ETC-PVC160203PGL01 Datasheet
308Kb / 20P
   Character Type Lcd Module
logo
Shenzhen TOPWAY Technol...
LMB162A TOPWAY-LMB162A Datasheet
154Kb / 1P
   Character Type LCD Module
logo
List of Unclassifed Man...
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
   CHARACTER TYPE DOT MATRIX LCD MODULE
logo
Crystalfontz America, I...
CFAH1604B-YYH-ET CRYSTAIFONTZ-CFAH1604B-YYH-ET Datasheet
940Kb / 12P
   CHARACTER LCD MODULE
CFAH2002A-TMI-JT CRYSTAIFONTZ-CFAH2002A-TMI-JT Datasheet
936Kb / 12P
   CHARACTER LCD MODULE
CFAH2002L-YYH-ET CRYSTAIFONTZ-CFAH2002L-YYH-ET Datasheet
873Kb / 12P
   CHARACTER LCD MODULE
CFAH2004B-TFH-ET CRYSTAIFONTZ-CFAH2004B-TFH-ET Datasheet
1,012Kb / 12P
   CHARACTER LCD MODULE
CFAH1601B-TMI-ET CRYSTAIFONTZ-CFAH1601B-TMI-ET Datasheet
617Kb / 12P
   CHARACTER LCD MODULE
CFAH1602Z-YYH-ET CRYSTAIFONTZ-CFAH1602Z-YYH-ET Datasheet
1Mb / 71P
   CHARACTER LCD MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com