Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEV1S0512SC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MEV1S0512SC
Description  3kVDC Isolated 1W Single & Dual Output DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MEV1S0512SC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MEV1S0512SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MEV1S0512SC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
MEV1 Series
3kVDC Isolated 1W Single & Dual Output DC/DC Converters
2011-05-09
KDC_MEV1.F01 Page 4 of 10
www.murata-ps.com
TEMPERATURE DERATING GRAPH
TOLERANCE ENVELOPE
Output Load Current (%)
VNOM
5%
0%
-4%
2%
Typical
Load
Line
100
75
50
25
10
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions MEV1 series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 3kVDC for 1 minute.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
The MEV1 has been recognized by Underwriters Laboratory for functional insulation, both input and output should normally be maintained within SELV limits i.e. less than 42.4V
peak, or 60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system.
The part could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier
must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according
to safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The MEV1 series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
SAFETY APPROVAL
The MEV1 series has been recognized by Underwriters Laboratory (UL) to UL 60950 for functional insulation in a maximum ambient temperature of 85°C and/or case temperature
limit of 130°C (case temperature measured on the face opposite the pins). File number E179522 applies.
The MEV1 Series of converters are not internally fused so to meet the requirements of UL 60950 an anti-surge input line fuse should always be used with ratings as defined below.
MEV1x05xxxC: 1A
MEV1x12xxxC: 0.375A
MEV1x15xxxC: 0.375A
MEV1x24xxxC: 0.2A
MEV1x48xxxC: 0.1A
All fuses should be UL recognized and rated to at least the maximum allowable DC input voltage.
The voltage tolerance envelope shows typical load regulation characteristics for this
product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading.
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of
300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in
this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs


Similar Part No. - MEV1S0512SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEV1S0512SC MURATA-MEV1S0512SC Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
MEV1S0512SC MURATA-MEV1S0512SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1S0512SC MURATA-PS-MEV1S0512SC Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
MEV1S0512SC MURATA-PS-MEV1S0512SC Datasheet
384Kb / 13P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2023
More results

Similar Description - MEV1S0512SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEV1D1515SC MURATA-MEV1D1515SC Datasheet
180Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMV0505DAC MURATA-NMV0505DAC Datasheet
227Kb / 6P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
C&D Technologies
NMV CANDD-NMV Datasheet
119Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMV2415SC MURATA-NMV2415SC Datasheet
216Kb / 4P
   3kVDC Isolated 1W Single Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV_19 Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV15V TOPPOWER-TPV15V Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMV0505DAC MURATA-PS-NMV0505DAC_V01 Datasheet
360Kb / 11P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com