Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G08GS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G08GS
Description  Dual 2-input AND gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G08GS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G08GS Datasheet HTML 6Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 7Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 8Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 9Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 10Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 11Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 12Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 13Page - NXP Semiconductors 74LVC2G08GS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 9 — 20 October 2010
10 of 21
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
13. Package outline
Fig 10. Package outline SOT505-2 (TSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8
°
0
°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
14
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm
SOT505-2
1.1
pin 1 index


Similar Part No. - 74LVC2G08GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G08GS NEXPERIA-74LVC2G08GS Datasheet
292Kb / 20P
   Dual 2-input AND gate
Rev. 18 - 23 January 2023
74LVC2G08GS-Q100 NEXPERIA-74LVC2G08GS-Q100 Datasheet
222Kb / 13P
   Dual 2-input AND gate
More results

Similar Description - 74LVC2G08GS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
NXP Semiconductors
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com