Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRA801G Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FRA801G
Description  8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FRA801G Datasheet(HTML) 2 Page - Micro Commercial Components

  FRA801G Datasheet HTML 1Page - Micro Commercial Components FRA801G Datasheet HTML 2Page - Micro Commercial Components FRA801G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
FRA801G thru FRA807G
Revision: 3
2008/01/01
TM
Micro Commercial Components
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
8
10
CASE TEMPERATURE. ( C)
o
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
25
100
125
150
75
50
NUMBER OF CYCLES AT 60Hz
TJ=125 C
0
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.2
0.4
1
2
4
10
100
20
40
200
400
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.6- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
0.2
0.4
1
2
4
10
40
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
Tj=75 C
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.5
1
5
10
50
100
500
1000
20
40
60
80
100
120
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
0
0
www.mccsemi.com
2 of 3


Similar Part No. - FRA801G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA801G TSC-FRA801G Datasheet
54Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA801G TSC-FRA801G Datasheet
260Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Silicon Standard Corp.
FRA801G SSC-FRA801G Datasheet
178Kb / 3P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FRA801G TSC-FRA801G Datasheet
47Kb / 2P
   8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FRA801G LUGUANG-FRA801G Datasheet
203Kb / 2P
   8.0AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRA801G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G_13 Datasheet
558Kb / 3P
   8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
   6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_11 Datasheet
448Kb / 4P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
   5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
   2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
   1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com