Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8325NDEH-T Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT8325NDEH-T
Description  Dual PWM Step-Down DC/DCs in TDFN33
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8325NDEH-T Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT8325NDEH-T Datasheet HTML 3Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 4Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 5Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 6Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 7Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 8Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 9Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 10Page - Active-Semi, Inc ACT8325NDEH-T Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACT8325
Rev 2, 25-May-11
STEP-DOWN DC/DC CONVERTER
Active-Semi
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
(1)
output voltage option. output voltage option. Select
components as follows: Set RFB2 = 51kΩ, then
calculate RFB1 using the following equation:
where VFBX is 0.625V. Finally choose CFF using the
following equation:
Where RFB1 = 47kΩ, use 47pF.
Inductor Selection
REG1 and REG2 utilize current-mode control and a
proprietary internal compensation scheme to simul-
taneously simplify external component selection
and optimize transient performance over their full
operating range. These devices were optimized for
operation with 3.3µH inductors, although inductors
in the 2.2µH to 4.7µH range can be used. Choose
an inductor with a low DC-resistance, and avoid
inductor saturation by choosing inductors with DC
ratings that exceed the maximum output current of
the application by at least 30%.
PCB Layout Considerations
High switching frequencies and large peak current
make PC board layout an important part of step-
down DC/DC converter design. A good design mini-
mizes excessive EMI on the feedback paths and
voltage gradients in the ground plane, both of which
can result in instability or regulation errors. Step-
down DC/DCs exhibit discontinuous input current,
so the input capacitors should be placed as close
as possible to the IC, and avoiding the use of vias if
possible. The inductor, input filter capacitor, and
output filter capacitor should be connected as close
together as possible, with short, direct, and wide
traces. The ground nodes for each regulator’s
power loop should be connected at a single point in
a star-ground configuration, and this point should
be connected to the backside ground plane with
multiple vias. For fixed output voltage options, con-
nect the output node directly to the FBx pin. For
adjustable output voltage options, connect the feed-
back resistors and feed-forward capacitor to the
FBx pin through the shortest possible route. In both
cases, the feedback path should be routed to main-
tain sufficient distance from switching nodes to pre-
vent noise injection.
⎟⎟
⎜⎜
=
1
V
V
R
R
FBX
OUTX
2
FB
1
FB
1
FB
6
FF
R
10
2
.
2
C
×
=
(2)


Similar Part No. - ACT8325NDEH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8325NDAAA-T ACTIVE-SEMI-ACT8325NDAAA-T Datasheet
285Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
More results

Similar Description - ACT8325NDEH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
   Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
   Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8309 ACTIVE-SEMI-ACT8309_14 Datasheet
363Kb / 11P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
   1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
   Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT6330 ACTIVE-SEMI-ACT6330_08 Datasheet
312Kb / 14P
   Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com