Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT4060A Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4060A Datasheet HTML 2Page - Active-Semi, Inc ACT4060A Datasheet HTML 3Page - Active-Semi, Inc ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc ACT4060A Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ACT4060A
Rev 1, 25-Jun-09
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
VOUT
COUT
RCOMP
CCOMP
2.5V
22μF Ceramic
8.2kΩ
2.2nF
3.3V
22μF Ceramic
12kΩ
1.5nF
5V
22μF Ceramic
15kΩ
1.5nF
2.5V
47μF SP CAP
15kΩ
1.5nF
3.3V
47μF SP CAP
15kΩ
1.8nF
5V
47μF SP CAP
15kΩ
2.7nF
2.5V
470μF/6.3V/30mΩ
15kΩ
15nF
3.3V
470μF/6.3V/30mΩ
15kΩ
22nF
5V
470μF/6.3V/30mΩ
15kΩ
27nF
(12)
(Ω)
⎟⎟
⎜⎜
×
×
OUT
OUT
6
ESRCOUT
V
012
.
0
,
C
10
1
.
1
Min
R
OUT
OUT
5
COMP
C
V
10
2
.
1
C
×
=
(F)
(11)
(10)
(F)
COMP
5
COMP
R
10
8
.
1
C
×
=
(9)
(Ω)
OUT
OUT
8
C
V
10
7
.
1
×
=
V
3
.
1
G
G
10
f
C
V
π
2
R
COMP
EA
SW
OUT
OUT
COMP
×
=
(7)
COMP
COMP
1
Z
C
R
2
1
f
π
=
(6)
OUT
OUT
OUT
2
P
C
V
π
2
I
f
=
(4)
COMP
VEA
OUT
VDC
G
A
I
V
3
.
1
A
=
COMP
CCOMP2
CCOMP
RCOMP
ACT4060A
COMP
ESRCOUT
OUT
2
COMP
R
R
C
C
=
(13)
COMP2
COMP
3
P
C
R
π
2
1
f
=
(8)
(5)
COMP
VEA
EA
1
P
C
A
π
2
G
f
=
STABILITY COMPENSATION
Figure 2:
Stability Compensation
: CCOMP2 is needed only for high ESR output capacitor
The feedback loop of the IC is stabilized by the
components at the COMP pin, as shown in Figure
2. The DC loop gain of the system is determined by
the following equation:
The dominant pole P1 is due to CCOMP:
The second pole P2 is the output pole:
The first zero Z1 is due to RCOMP and CCOMP:
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
The following steps should be used to compensate
the IC:
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 3.4 / (VOUTCOUT). Therefore:
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for using
CCOMP2 is:
And the proper value for CCOMP2 is:
Though CCOMP2 is unnecessary when the output
capacitor has sufficiently low ESR, a small value
CCOMP2 such as 100pF may improve stability against
PCB layout parasitic effects.
Table 2 shows some calculated results based on
the compensation method above.
Table 2:
Typical Compensation for Different Output
Voltages and Output Capacitors
Figure 4 shows an example ACT4060A application circuit
generating a 3.3V/2A output.


Similar Part No. - ACT4060A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4060ASH ACTIVE-SEMI-ACT4060ASH Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4060ASH-T ACTIVE-SEMI-ACT4060ASH-T Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
More results

Similar Description - ACT4060A

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
   Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072 Datasheet
729Kb / 10P
   Wide Input 2A Step Down Converter
Rev 1, 12/2006
logo
FOSLINK SEMICONDUCTOR C...
FSP3126 FOSLINK-FSP3126 Datasheet
243Kb / 9P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4072 ACTIVE-SEMI-ACT4072_08 Datasheet
271Kb / 10P
   Wide Input 2A Step Down Converter
Rev2, 27-May-08
logo
Guangdong Kexin Industr...
FSP3170 KEXIN-FSP3170 Datasheet
998Kb / 3P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
   Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
   High Input 2A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com