Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1232-48M Datasheet(PDF) 1 Page - ORION FANS

Part # OD1232-48M
Description  DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1232-48M Datasheet(HTML) 1 Page - ORION FANS

  OD1232-48M Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
49
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD1232 Series
DC Fan - 12, 24, 48V
120x32mm (4.7”x 1.25”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer (FG)
Alarm (RD)
Thermal Speed Control
(Thermistor)
PWM Input (Manual Speed
Control)
Life Expectancy (L10)
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Connection
2x Lead wires
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Dual Ball or Sleeve
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD1232-12H *
3750
120
51
12
6~13.8
0.60
0.42
OD1232-12M *
3300
107
48
12
6~13.8
0.50
0.33
OD1232-12L *
2900
93
44
12
6~13.8
0.32
0.27
OD1232-24H *
3750
120
51
24
12~27.8
0.45
0.42
OD1232-24M *
3300
107
48
24
12~27.8
0.28
0.33
OD1232-24L *
2900
93
44
24
12~27.8
0.22
0.27
OD1232-48H *
3750
120
51
48
24~55.2
0.18
0.42
OD1232-48M *
3300
107
48
48
24~55.2
0.15
0.33
OD1232-48L *
2900
93
44
48
24~55.2
0.13
0.27
* Indicate “B” to specify Ball bearing or “S” to specify Sleeve bearing
m4
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 49


Similar Part No. - OD1232-48M

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1232-48M ORIONFANS-OD1232-48M Datasheet
115Kb / 1P
   DC Fan
OD1232-48M ORIONFANS-OD1232-48M Datasheet
1Mb / 4P
   DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD1232-48MB02A ORIONFANS-OD1232-48MB02A Datasheet
1Mb / 4P
   DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
More results

Similar Description - OD1232-48M

ManufacturerPart #DatasheetDescription
logo
ORION FANS
ODB600PT-12HB ORIONFANS-ODB600PT-12HB Datasheet
146Kb / 1P
   12, 24, 48V 120x32mm (4.7??x 1.25??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1225-48 ORIONFANS-OD1225-48 Datasheet
230Kb / 1P
   DC Fan - 48V 120x25mm (4.7?쓝 1.0??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
   DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
   DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
   DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com