Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143EUA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DTA143EUA
Description  PNP Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTA143EUA Datasheet(HTML) 2 Page - Micro Commercial Components

  DTA143EUA Datasheet HTML 1Page - Micro Commercial Components DTA143EUA Datasheet HTML 2Page - Micro Commercial Components DTA143EUA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA143EUA
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - DTA143EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143EUA ROHM-DTA143EUA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA143EUA SECOS-DTA143EUA Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA143EUA ROHM-DTA143EUA Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
Micro Commercial Compon...
DTA143EUA MCC-DTA143EUA Datasheet
208Kb / 3P
   PNP Digital Transistors
logo
Rectron Semiconductor
DTA143EUA RECTRON-DTA143EUA Datasheet
316Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA143EUA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123Y SECOS-DTA123Y_15 Datasheet
557Kb / 2P
   PNP Digital Transistors
logo
Micro Commercial Compon...
DTA144ECA MCC-DTA144ECA_13 Datasheet
206Kb / 3P
   PNP Digital Transistors
logo
Guangdong Kexin Industr...
KTA143ZKA KEXIN-KTA143ZKA Datasheet
247Kb / 2P
   PNP Digital transistors
logo
Micro Commercial Compon...
DTA114EUA MCC-DTA114EUA_13 Datasheet
190Kb / 2P
   PNP Digital Transistors
DTA143ZUA MCC-DTA143ZUA_13 Datasheet
213Kb / 3P
   PNP Digital Transistors
DTA114ECA MCC-DTA114ECA_13 Datasheet
233Kb / 2P
   PNP Digital Transistors
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
   PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
   PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
   PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
   PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
   Digital transistors (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com