Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLZ10 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DFLZ10
Description  1 Watt Zener Diode 6.2V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DFLZ10 Datasheet(HTML) 3 Page - Micro Commercial Components

  DFLZ10 Datasheet HTML 1Page - Micro Commercial Components DFLZ10 Datasheet HTML 2Page - Micro Commercial Components DFLZ10 Datasheet HTML 3Page - Micro Commercial Components DFLZ10 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision: A
2011/01/01
0
0.2
0.4
0.6
0.8
1.0
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
1.2
0.000001
0.00001
0.001
1
0.5
0.6
0.9
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.7
0.8
0.0001
0.01
0.1
100
1,000
10,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 3 Typical Total Capacitance vs. Nominal Zener Voltage
Z
f = 1MHz
T = 25°C
A
V = 1V
R
V = 2V
R
3 of 4
www.mccsemi.com
DFLZ6V2-DFLZ39
MCC
TM
Micro Commercial Components


Similar Part No. - DFLZ10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ10 DIODES-DFLZ10 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ10 DIODES-DFLZ10 Datasheet
75Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
logo
Micro Commercial Compon...
DFLZ10 MCC-DFLZ10 Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
DFLZ10 MCC-DFLZ10 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ10 MCC-DFLZ10 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
More results

Similar Description - DFLZ10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ16-TP MCC-DFLZ16-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ18-TP MCC-SMAZ18-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com