Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL914 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # DL914
Description  500mW 100 Volt Silicon Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL914 Datasheet(HTML) 4 Page - Micro Commercial Components

  DL914 Datasheet HTML 1Page - Micro Commercial Components DL914 Datasheet HTML 2Page - Micro Commercial Components DL914 Datasheet HTML 3Page - Micro Commercial Components DL914 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
3
Device
Packing
Part Number-TP
Tape&Reel: 2.5Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - DL914

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL914 CHENYI-DL914 Datasheet
338Kb / 3P
   500mw 100volt silicon switching diode
logo
Sangdest Microelectroni...
DL914 SMC-DL914 Datasheet
166Kb / 4P
   FAST SWITCHING DIODE
logo
Micro Commercial Compon...
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results

Similar Description - DL914

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
MCL4148 MCC-MCL4148 Datasheet
662Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
1N4148 MCC-1N4148 Datasheet
78Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diode
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148-TP MCC-1N4148-TP Datasheet
239Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com