Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES23MCBE Datasheet(PDF) 1 Page - C&K Components

Part # ES23MCBE
Description  Sealed Tiny Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ES23MCBE Datasheet(HTML) 1 Page - C&K Components

  ES23MCBE Datasheet HTML 1Page - C&K Components ES23MCBE Datasheet HTML 2Page - C&K Components ES23MCBE Datasheet HTML 3Page - C&K Components ES23MCBE Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
I–4
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
ES Series
Sealed Tiny Slide Switches
ES02 Models:
omit terminal 2.
PC MOUNTING
ES02 Models:
omit hole 2.
Features/Benefits
Process compatible—internal
o-ring and epoxy base seal
Thru-hole & surface mount models
Reliable contact design ensures
long electrical life
Robust actuator for easy actuation
RoHS compliant
Typical Applications
Computer peripherals &
network products
Test & measurement equipment
Telephone & cable modems
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: 50 m
Ω max. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9.
DEGREE OF PROTECTION: IP57; Protection against harmful dust
deposit, full-scale voltage protection, temporary immersion.
ESD ENDURANCE: 8kv min. (EIA 545).
PACKAGING: Thru-hole switches supplied in anti-static trays.
Surface mount switches available in tape and reel packaging.
Materials
HOUSING & BASE: Nylon (UL 94V-0).
ACTUATOR: LCP (UL 94V-0) black, standard.
SURFACE PLATE: Stainless steel with tin plate.
MOVABLE CONTACT: Bronze with gold plate over nickel plate.
STATIONARY CONTACTS: Copper alloy, with gold plate over
nickel plate.
TERMINALS: Copper alloy, with gold over nickel plate. All terminals
insert molded.
BASE & TERMINAL SEAL: Epoxy.
NOTE: All models RoHS compliant and compatible with all options.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for ES Series Sealed Tiny Slide Switches are shown on pages I-5 through I-7. These unique tiny slide
switches are process compatible. An internal o-ring and epoxy base seal protects the switch from wave and reflow soldering,
as well as cleaning processes.
SCHEMATIC
SPST
OPEN
N/A
3-1
CONN. TERMINALS
OFF
NONE
ON
ES02MCBE
SCHEMATIC
SPDT
2-3
OPEN
2-1
CONN. TERMINALS
ON
NONE
ON
ON
OFF
ON
ES01MCBE
ES03MCBE
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
PART NUMBER
ES01MCBE
SPDT
Patent No. 6,008,458


Similar Part No. - ES23MCBE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ES23MCBE ITT-ES23MCBE Datasheet
393Kb / 4P
   Sealed Tiny Slide Switches
More results

Similar Description - ES23MCBE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ES01MCBE ITT-ES01MCBE Datasheet
393Kb / 4P
   Sealed Tiny Slide Switches
logo
C&K Components
ES CK-COMPONENTS-ES Datasheet
667Kb / 4P
   Sealed Tiny Slide Switches
19 Apr 22
TS01ABE CK-COMPONENTS-TS01ABE Datasheet
224Kb / 3P
   Tiny Slide Switches
logo
ITT Industries
TS01ABE ITT-TS01ABE Datasheet
248Kb / 3P
   Tiny Slide Switches
logo
C&K Components
TS CK-COMPONENTS-TS Datasheet
304Kb / 3P
   Tiny Slide Switches
27 Jul 21
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
ITT Industries
GS01MCBE ITT-GS01MCBE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com