Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPSH-3A Datasheet(PDF) 3 Page - Micro Commercial Components

Part # CMPSH-3A
Description  350mW 30Volt Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

CMPSH-3A Datasheet(HTML) 3 Page - Micro Commercial Components

  CMPSH-3A Datasheet HTML 1Page - Micro Commercial Components CMPSH-3A Datasheet HTML 2Page - Micro Commercial Components CMPSH-3A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - CMPSH-3A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPSH-3A CENTRAL-CMPSH-3A Datasheet
79Kb / 2P
   SCHOTTKY DIODES
logo
SeCoS Halbleitertechnol...
CMPSH-3A SECOS-CMPSH-3A Datasheet
100Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Array
logo
Rectron Semiconductor
CMPSH-3A RECTRON-CMPSH-3A Datasheet
296Kb / 2P
   SOT-23 PLASTIC-ENCAPSULATE SCHOTTKY DIODE
logo
Central Semiconductor C...
CMPSH-3A CENTRAL-CMPSH-3A Datasheet
588Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY DIODES
logo
Shenzhen Luguang Electr...
CMPSH-3A LUGUANG-CMPSH-3A Datasheet
224Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - CMPSH-3A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
CMPSH-3 MCC-CMPSH-3_13 Datasheet
208Kb / 3P
   350mW 30Volt Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
   350mW SMD Switching Diode
logo
Micro Commercial Compon...
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
   350mW 100Volt Switching Diode
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
   350mW 70Volt Switching Diode
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004_15 Datasheet
255Kb / 4P
   350mW, SMD Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
   350mW 100Volt Switching Diode
logo
Micro Commercial Compon...
BAS16 MCC-BAS16_13 Datasheet
201Kb / 3P
   350mW 100Volt Switching Diode
logo
Taiwan Semiconductor Co...
MMBD4148 TSC-MMBD4148_11 Datasheet
328Kb / 3P
   350mW SMD Switching Diode
logo
Micro Commercial Compon...
BAL99 MCC-BAL99 Datasheet
251Kb / 3P
   350mW 70Volt Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com