Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD10RM0SB Datasheet(PDF) 3 Page - C&K Components

Part # CRD10RM0SB
Description  10mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CRD10RM0SB Datasheet(HTML) 3 Page - C&K Components

  CRD10RM0SB Datasheet HTML 1Page - C&K Components CRD10RM0SB Datasheet HTML 2Page - C&K Components CRD10RM0SB Datasheet HTML 3Page - C&K Components CRD10RM0SB Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
H–34
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SWITCH FUNCTION
CRD Series
10mm DIP Coded Rotary Switches
PIN 1
INDICATOR
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
0 1
9
PIN 1
INDICATOR
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A B C D E F
POS.
C
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A B C D E F
0
F
1
0.118
(3,0)
0
1 F
0.276
(7,0)
.039
(1,0)
Ø.157
(4,00)
0.039
(1,0)
8
7
FLUSH ACTUATOR
0
.039
(1,0)
.157
(4,0)
1
9
ACTUATOR
CRD10R
10 POSITION, BCD
ACTUATOR COLOR: RED
CRD10C
10 POSITION, BCD COMPLEMENT
ACTUATOR COLOR: ORANGE
CRD16R
16 POSITION, HEXADECIMAL
ACTUATOR COLOR: BLACK
CRD16C
16 POSITION, HEXADECIMAL COMPLEMENT
ACTUATOR COLOR: WHITE
M0
(STD.) FLUSH WITH SCREWDRIVER SLOT
L1*
EXTENDED WITH SCREWDRIVER SLOT
W1*
WHEEL
NOTE: Designed for #0 Phillips screwdriver.
* L1 and W1 actuators are not available in termination “S”


Similar Part No. - CRD10RM0SB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CRD10RM0SB ITT-CRD10RM0SB Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
CRD10RM0SBR ITT-CRD10RM0SBR Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
More results

Similar Description - CRD10RM0SB

ManufacturerPart #DatasheetDescription
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com