Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA03H0SBD Datasheet(PDF) 3 Page - C&K Components

Part # SDA03H0SBD
Description  Low Profile DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDA03H0SBD Datasheet(HTML) 3 Page - C&K Components

  SDA03H0SBD Datasheet HTML 1Page - C&K Components SDA03H0SBD Datasheet HTML 2Page - C&K Components SDA03H0SBD Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL NO. MODEL NO.
DIM. 'W1'
DIM. 'W2'
DIM. 'B'
DIM. 'C'
DIM. 'D'
DIM. 'H'
QUANTITY
SDA02
0.945 (24,0) 0.961 (24,4)
0.311 (7,9)
0.453 (11,5)
N/A
0.189 (4,8)
750
700
700
700
700
700
700
700
750
750
750
750
750
750
750
750
750
0.228 (5,8)
0.228 (5,8)
0.228 (5,8)
0.228 (5,8)
0.228 (5,8)
0.228 (5,8)
0.228 (5,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.189 (4,8)
0.945 (24,0) 0.961 (24,4)
0.606 (15,4)
0.453 (11,5)
N/A
1.260 (32,0) 1.276 (32,4)
0.709 (18,0)
0.559 (14,2)
1.118(28,4)
1.732 (44,0) 1.748 (44,4)
0.894 (22,7)
0.795 (20,2)
1.591(40,4)
1.732 (44,0) 1.748 (44,4)
1.004 (25,5)
0.795 (20,2)
1.591(40,4)
1.732 (44,0) 1.748 (44,4)
1.106 (28,1)
0.795 (20,2)
1.591(40,4)
1.732 (44,0) 1.748 (44,4)
1.307 (33,2)
0.795 (20,2)
1.591(40,4)
1.260 (32,0) 1.276 (32,4)
0.807 (20,5)
0.559 (14,2)
1.118(28,4)
NOT CURRENTLY AVAILABLE IN TAPE AND REEL
NOT CURRENTLY AVAILABLE IN TAPE AND REEL
NOT CURRENTLY AVAILABLE IN TAPE AND REEL
0.945 (24,0) 0.961 (24,4)
0.508 (12,9)
0.453 (11,5)
N/A
0.945 (24,0) 0.961 (24,4)
0.409 (10,4)
0.453 (11,5)
N/A
H0
H1
H1
H1
H1
H1
H1
H1
H1
H1
H1
H0
H0
H0
H0
H0
H0
H0
H0
H0
SDA12
SDA10
SDA09
SDA08
SDA07
SDA06
SDA05
SDA04
SDA03
'S' OPTION 'S' OPTION
(REF.)
(REF.)
(REF.)
(REF.)
(REF.)
(REF.)
PER REEL
'H'
0.630
(16,0)
'W1'
0.630
(16,0)
0.079
(2,0)
0.079
(2,0)
0.157
(4,0)
0.157
(4,0)
0.059
(1,5)
0.059
(1,5)
'D'
'C'
'C'
'W1'
'H'
'B'
'B'
0.079
(2,0)
0.059
(1,5)
0.069
(1,75)
0.069
(1,75)
0.016
(0,4)
0.016
(0,4)
0.394
(10)
0.394
(10)
MAX
MAX
3˚ MAX.
3˚ MAX.
2 - 5 OPTION
6 - 12 OPTION
TAPE AND REEL PACKAGING
SMT OPTIONS ONLY (ALL DIMS. ARE FOR REF. ONLY)
H–10
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
H
12
3456
78
DIM 'A'
.189
(4,80)
.100
(2,54)
.010
(0,25)
.024
(0,61)
.051
(1,30)
.063
(1,60)
.320
(8,13)
.295
(7,49)
.039
(1,0)
.100 TYP.
(2,54)
.051
(1,30)
.300
(7,6)
TYP.
Ø.031TYP.
(0,8)
.138
(3,5)
TRAVEL
12
3456
78
DIM 'A'
.100
(2,54)
.031
(0,79)
.024 TYP.
(0,61)
.240 TYP.
(6,10)
.059 MIN.
(1,50)
.051
(1,30)
.366
(9,30)
.100 TYP.
(2,54)
.409 MIN.
(10,4)
.051
(1,30)
.295
(7,49)
.039
(1,0)
.175
(4,45)
TRAVEL
.138
(3,5)
SDA Series
Low Profile DIP Switches
Extended Actuator – No Top Tape, Thru-hole Terminals
Extended Actuator – No Top Tape, Surface Mount Terminals
Tape & Reel Packaging – Surface Mount Options only
SDA08H1BD
SDA08H1SBD
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H1BD
1
.178 (4,52)
100
SDA02H1BD
2
.278 (7,06)
60
SDA03H1BD
3
.378 (9,60)
45
SDA04H1BD
4
.476 (12,10)
35
SDA05H1BD
5
.578 (14,68)
30
SDA06H1BD
6
.676 (17,18)
25
SDA07H1BD
7
.778 (19,76)
20
SDA08H1BD
8
.876 (22,26)
20
SDA09H1BD
9
.978 (24,84)
15
SDA10H1BD
10
1.076 (27,34)
15
SDA12H1BD
12
1.279 (32,50)
14
Schematic
SPST
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
SDA01H1SBD
1
.178 (4,52)
100
SDA02H1SBD
2
.278 (7,06)
60
SDA03H1SBD
3
.378 (9,60)
45
SDA04H1SBD
4
.476 (12,10)
35
SDA05H1SBD
5
.578 (14,68)
30
SDA06H1SBD
6
.676 (17,18)
25
SDA07H1SBD
7
.778 (19,76)
20
SDA08H1SBD
8
.876 (22,26)
20
SDA09H1SBD
9
.978 (24,84)
15
SDA10H1SBD
10
1.076 (27,34)
15
SDA12H1SBD
12
1.279 (32,50)
14
Schematic
SPST
NOTE: SDA 01 options are 4,25mm thick
NOTE: SDA 01 options are 4,25mm thick


Similar Part No. - SDA03H0SBD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDA03H0SBD ITT-SDA03H0SBD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results

Similar Description - SDA03H0SBD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
   Low Profile DIP Switches
9 January 2018
SDSWITCH CK-COMPONENTS-SDSWITCH Datasheet
106Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
   Low Profile DIP Switches
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
   Low Profile DIP Switches
18 oct 18
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
   Low Profile DIP Switches
SDA CK-COMPONENTS-SDA_V02 Datasheet
426Kb / 4P
   Low Profile DIP Switches
28 may 18
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
   Ultra-Low Profile DIP Switches
logo
C&K Components
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com