Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA101J11S215DQF6 Datasheet(PDF) 4 Page - C&K Components

Part # DA101J11S215DQF6
Description  Miniature Single Pole Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DA101J11S215DQF6 Datasheet(HTML) 4 Page - C&K Components

  DA101J11S215DQF6 Datasheet HTML 1Page - C&K Components DA101J11S215DQF6 Datasheet HTML 2Page - C&K Components DA101J11S215DQF6 Datasheet HTML 3Page - C&K Components DA101J11S215DQF6 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TERMINATION
15 .187” QUICK CONNECT
17 SOLDER LUG
ACTUATOR MARKING
CONTACT MATERIAL
NONE NO MARKING
D ON-OFF
H O l
N LARGE DOT
P O -
NOTE: Orientation of actuator marking and terminals.
All models shown in Pos. 1
DA Series
Miniature Single Pole Rocker Switches
02* THRU-HOLE
A* RIGHT ANGLE
LAMP RATING
(NONE) NO LAMP
6 LED RATING @ 10 mA V
f=1.85V
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
ACCESSORIES
.551
(14,0)
.748
(19,0)
.787
(20,0)
.957
(24,3)
.142
(3,6)
.295
(7,5)
216C00000 IP65 SPLASH PROOF RUBBER BOOT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
16 AMPS @ 125 VAC; 1/3 HP; 10 AMPS @ 250 VAC; 1/2
(UL/CSA). 10 AMPS @ 125 VAC, 6 AMPS @ 250 VAC (VDE)
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER
POWER
OPTION
CODE
QF
0.079
(2,0)
0.161
(4,1)
0.071
(1,8)
0.039
(1,00)
0.870±.020
(22,10±0,5)
For switches with LED option
* NOTE - O2 and A termination options not offered with J3, J4 or J5 actuator options.
G–60
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Similar Part No. - DA101J11S215DQF6

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DA101J12B202DQF ITT-DA101J12B202DQF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
DA101J12B202DQF6 ITT-DA101J12B202DQF6 Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
DA101J12B202DQF7 ITT-DA101J12B202DQF7 Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
DA101J12B202QF ITT-DA101J12B202QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
DA101J12B202QF6 ITT-DA101J12B202QF6 Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
More results

Similar Description - DA101J11S215DQF6

ManufacturerPart #DatasheetDescription
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
   8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com