Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTE1600N44 Datasheet(PDF) 2 Page - C&K Components

Part # RTE1600N44
Description  Low Profile Rotary DIP Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE1600N44 Datasheet(HTML) 2 Page - C&K Components

  RTE1600N44 Datasheet HTML 1Page - C&K Components RTE1600N44 Datasheet HTML 2Page - C&K Components RTE1600N44 Datasheet HTML 3Page - C&K Components RTE1600N44 Datasheet HTML 4Page - C&K Components RTE1600N44 Datasheet HTML 5Page - C&K Components RTE1600N44 Datasheet HTML 6Page - C&K Components RTE1600N44 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
H
H–22
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SWITCHES WITH STANDARD OPTIONS
RTE Series
Low Profile Rotary DIP Switches
.291
(7,4)
.283
(7,2)
.041
(1,050)
.10
(2,54)
.10
(2,54)
.368
(9,35)
.315
(8,0)
.020
(0,5)
PART NUMBER
NO.
QTY
WITHOUT ESD PIN
WITH ESD PIN
POS.
FUNCTION
PER TUBE
RTE0200N04
RTE0210N04
2
SPDT
65
RTE0300N04
RTE0310N04
3
SP3T
65
RTE0400N04
RTE0410N04
4
SP4T
65
RTE1000N14
RTE1010N14
10
BCD
65
RTE1600N44
RTE1610N44
10
HEXADECIMAL
65
PC Mount-Terminal Option N
Right Angle Mount-Terminal Option V
NO.
PART NUMBER
POS.
FUNCTION
QUANTITY
RTE0400V04
4
SP4T
150 per box
RTE1000V14
10
BCD
150 per box
RTE1600V44
16
HEXADECIMAL
150 per box
Surface Mount-Terminal Option G
NO.
QUANTITY
PART NUMBER
POS.
FUNCTION
PER REEL
RTE0200G04
02
SPDT
1250
RTE0300G04
03
SPDT
1250
RTE0400G04
04
SP4T
1250
RTE1000G14
10
BCD
1250
RTE1600G44
16
HEXADECIMAL
1250
.291
(7,4)
.100
(2,54)
.100
(2,54)
.033
(0,85)
.315
(8,0)
.283
(7,2)
.197
(5,0)
.197
(5,0)
.024
(0,6)
.335
(8,5)
.10
(2,54)
.10
(2,54)
.020
(0,5)
.041
(1,050)
.20
(5,08)
.114
(2,9)
45˚0'
.25
(6,34)


Similar Part No. - RTE1600N44

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE16-00G04 CK-COMPONENTS-RTE16-00G04 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
RTE16-00G04 CK-COMPONENTS-RTE16-00G04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE16-00G05 CK-COMPONENTS-RTE16-00G05 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE16-00G07 CK-COMPONENTS-RTE16-00G07 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
RTE16-00G14 CK-COMPONENTS-RTE16-00G14 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
More results

Similar Description - RTE1600N44

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE ITT-RTE Datasheet
427Kb / 8P
   Low Profile Rotary DIP Switches
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com