Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTBH Datasheet(PDF) 2 Page - C&K Components

Part # RTBH
Description  1-2 Pole Coded Rotary Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBH Datasheet(HTML) 2 Page - C&K Components

  RTBH Datasheet HTML 1Page - C&K Components RTBH Datasheet HTML 2Page - C&K Components RTBH Datasheet HTML 3Page - C&K Components RTBH Datasheet HTML 4Page - C&K Components RTBH Datasheet HTML 5Page - C&K Components RTBH Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
K–19
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
K
.421
(10,7)
.146
(3,7)
.236
(6,0)
.374
(9,5)
.827 DIA.
(21,0Ø)
.157 DIA.
(4,0Ø)
.039
(1,0)
.100
(2,54)
.700
(17,78)
.126 DIA.
(3,2Ø)
.028x.016
(0,7x0,4)
M10x.030
(M10x0,75)
.437
(11,1)
.984
(25,0)
.354
(9,0)
.835
(21,2)
A
.200
(5,08)
.047
(1,2)
.300
(7,62)
L
‘B’
RTBH Series
1-2 Pole Coded Rotary Switches
DESIGNATION
INDEXING
NUMBER OF BANKS
2
2 BANKS
1
1 BANK
4
4 BANKS
3
3 BANKS
RTBH
NOTE: Several functions can be combined. For more information consult customer service.
1
15º index/24 positions
4
36º index/10 positions
3
30º index/12 positions
2
22.5º index/16 positions
1
0.500
12.7
2
0.700
17.78
3
0.900
22.86
4
1.10
27.94
Number
modules
inch
mm
A: (standard)
0.984 inch (25 mm)
0.236 or 0.250 inch
(Ø6 or 6.35 mm)
L
Dimensions L
Dimensions A
Dimensions B
.100 REF
(2,54)
ø.039 TYP
(1)
.200
(5,08)
PITCH PER
SECTION
7x0.100
(7x2,54)
STANDARD
FUNCTION
5x0.100
(5x2,54)
CODED
FUNCTION


Similar Part No. - RTBH

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH151116BADD63G ITT-RTBH151116BADD63G Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH151116BADD63K025G ITT-RTBH151116BADD63K025G Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH151116BADD63K025S ITT-RTBH151116BADD63K025S Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH151116BADD63K27025G ITT-RTBH151116BADD63K27025G Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
More results

Similar Description - RTBH

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
C&K Components
RTA CK-COMPONENTS-RTA Datasheet
457Kb / 5P
   1?? Poles Coded Rotary Switches
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com