Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSA2S3.5NH1G7 Datasheet(PDF) 3 Page - C&K Components

Part # QSA2S3.5NH1G7
Description  Silent Navigation Switch for SMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

QSA2S3.5NH1G7 Datasheet(HTML) 3 Page - C&K Components

  QSA2S3.5NH1G7 Datasheet HTML 1Page - C&K Components QSA2S3.5NH1G7 Datasheet HTML 2Page - C&K Components QSA2S3.5NH1G7 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C
C-16
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
(10x)
0.8
(4x)
2.54
14.6
14
7.5
O
7.5O
ø3.8
6
17.95
15.6
ø1.
8
ø1.
2
1.2
1.8
12.6
2.54
2.54
2.54 2.54
ø3.5
E
type
designation
deflection with F=5N
Recommended PCB Layout,
mounting side
pivotal point
Z
F
0.2 E
0.05
QSA4S H4
QSA Series
Silent Navigation Switch for SMT


Similar Part No. - QSA2S3.5NH1G7

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QSA2S35NG8 ITT-QSA2S35NG8 Datasheet
227Kb / 2P
   Excellent tactile feel, SMT switch adapted for low current, Only actuate 1 direction at a time
QSA2S35NH1 ITT-QSA2S35NH1 Datasheet
227Kb / 2P
   Excellent tactile feel, SMT switch adapted for low current, Only actuate 1 direction at a time
More results

Similar Description - QSA2S3.5NH1G7

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TPA311GPLFS ITT-TPA311GPLFS Datasheet
256Kb / 4P
   Navigation Tact Switch for SMT
logo
C&K Components
TPA CK-COMPONENTS-TPA Datasheet
233Kb / 3P
   Multidirection SMT Navigation Switch
logo
ITT Industries
NSE10 ITT-NSE10 Datasheet
256Kb / 8P
   Navigation Switch Encoders
logo
E-SWITCH
JS1400 E-SWITCH-JS1400 Datasheet
830Kb / 2P
   5-POSITION NAVIGATION SWITCH
JS1400 E-SWITCH-JS1400_16 Datasheet
830Kb / 2P
   5 POSITION NAVIGATION SWITCH
logo
GREATECS
PB59 GREATECS-PB59 Datasheet
361Kb / 4P
   Silent Pushbutton Switch with LED
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
   Miniature All-direction Navigation Switch
logo
AVAGO TECHNOLOGIES LIMI...
AMRI-1000 AVAGO-AMRI-1000 Datasheet
336Kb / 6P
   Mobile Navigation Interface IC for Navigation Pad Module
logo
Keysight Technologies
N7609B KEYSIGHT-N7609B Datasheet
1Mb / 13P
   Signal Studio for Global Navigation
logo
ITT Industries
PTS525 ITT-PTS525 Datasheet
153Kb / 2P
   Microminiature Tact Switch for SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com