Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP8T103QE Datasheet(PDF) 4 Page - C&K Components

Part # NP8T103QE
Description  Sealed Industrial Pushbutton Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP8T103QE Datasheet(HTML) 4 Page - C&K Components

  NP8T103QE Datasheet HTML 1Page - C&K Components NP8T103QE Datasheet HTML 2Page - C&K Components NP8T103QE Datasheet HTML 3Page - C&K Components NP8T103QE Datasheet HTML 4Page - C&K Components NP8T103QE Datasheet HTML 5Page - C&K Components NP8T103QE Datasheet HTML 6Page - C&K Components NP8T103QE Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A-121
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
A
2.30
[0.091]
10.92
[0.430]
18.22 REF
[0.717]
7.30 TYP
[0.287]
0.25 TYP
[0.010]
4.50
0.177
[]
7.50
[0.295]
N.C.
7.50
[0.295]
N.O.
2.00
[0.079]
7.75
[0.305]
10.85
[0.427]
ACROSS FLATS
8.15
[0.321]
14.30
0.563
[]
0.40 TYP
[0.016]
65.0°
8.62
[0.339]
0.50
[0.020]
MAX
2.45 TYP
[0.096]
20.52 REF
[0.808]
9.60 TYP
[0.378]
0.70 TYP
[0.028]
2.55 TYP
[0.100]
4.75 TYP
[0.187]
7.90
0.311
[]
2X65.0°
2X1.67 REF
[ 0.066]
2X3.58
REF
[ 0.141]
4X 0.90
0.035
[]
11.00
[0.433]
12.30
0.484
[]
PANEL CUTOUT
15/32-32 UNS-2A
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.C.
N.O.
N.O.
NP Series
Sealed Industrial Pushbutton Switch
HOUSING STYLE
Third Angle
Projection
NEW!
1.50
[0.059]
11.90
[0.469]
6.25
[0.246]
11.90
[0.469]
3.40
[0.134]
4.40
[0.173]
20.30 REF
[0.799]
2.45 TYP
[0.096]
10.65 TYP
[0.419]
0.25 TYP
[0.010]
0.40 TYP
[0.016]
7.50
[0.295]
N.O.
7.50
[0.295]
N.C.
15.85
0.624
[]
11.90
[0.469]
ACROSS FLATS
65.0°
9.65
[0.380]
4.50
0.177
[]
2.00
[0.079]
22.60 REF
[0.890]
4.75 TYP
[0.187]
2.55 TYP
[0.100]
0.70 TYP
[0.028]
12.95 TYP
[0.510]
7.90
0.311
[]
2X1.67
REF
[ 0.066]
2X3.58
REF
[ 0.141]
4X 0.90
0.035
[]
2X65.0°
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.C.
N.O.
N.O.
S SLOT MOUNT
R REAR MOUNT


Similar Part No. - NP8T103QE

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NP8-DSS DOMINANT-NP8-DSS Datasheet
531Kb / 11P
   SPNovaLED Infrared 850nm
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
   SPNovaLED Infrared 850nm
logo
NEC
NP80N03CDE NEC-NP80N03CDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE RENESAS-NP80N03CDE Datasheet
297Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N03CDE-S12-AZ NEC-NP80N03CDE-S12-AZ Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP8T103QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
   Sealed Industrial Pushbutton Switch
4 May 20
PNP CK-COMPONENTS-PNP_V01 Datasheet
805Kb / 5P
   Sealed Pushbutton Switch
2020
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
   Industrial Pushbutton Switch
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
   Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
2021
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
   Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
   Anti-Vandal Sealed Pushbutton Switch
5 May 21
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
   AP Series Industrial Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com