Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP22C21T203DQ Datasheet(PDF) 1 Page - C&K Components

Part # LP22C21T203DQ
Description  Miniature Snap-in Slide Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LP22C21T203DQ Datasheet(HTML) 1 Page - C&K Components

  LP22C21T203DQ Datasheet HTML 1Page - C&K Components LP22C21T203DQ Datasheet HTML 2Page - C&K Components LP22C21T203DQ Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
I
I–25
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
LP Series
Miniature Snap-in Slide Switches
Models Available
Features/Benefits
6 to 11 AMPS available
Easy assembly—Snap-in mounting
Contamination resistant—extended actuator
Positive detent
RoHS compliant
Typical Applications
Small appliances
Outdoor appliances
Portable tools
Specifications
CONTACT RATING: Q contact material (LP0X, LP2X Models: 6 AMPS
@ 125 V AC or 28 V DC; 3 AMPS @ 250 V AC (UL/CSA).
(LP7X, LP8X Models): 11 AMPS @ 125/250 V AC (UL/CSA).
See page I-27 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial
@ 2-4 V DC, 100 mA, for both silver and gold plated contacts.
OPERATING TEMPERATURE: -30ºC to +65ºC
STORAGE TEMPERATURE: -30ºC to +85ºC
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages I–26 and I–27. For additional options not shown in catalog, consult Customer Service Center.
Materials
HOUSING: 6/6 nylon (UL94V-2), black.
ACTUATOR: Glass filled acetal, UV and petroleum resistant,
black.
CONTACTS: Q contact material: Copper, silver plated. See page
I-27 for additional contact materials.
TERMINALS: Q contact material: Copper, silver plated. See page
I-27 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
TERMINAL SEAL: Epoxy.
Switch Function
LP22 DPDT, 6 AMP
LP02 SPDT, 6 AMP
LP81 DPST, 11 AMP
LP82 DPDT, 11 AMP
Mounting Style
T2 Snap-in panel with tabs
(D, L, N markings only)
Detent
1
With detent
Actuator
C2
Black cap
C1
Whitecap
C3
Red cap
Contact Material
Q Silver
B Gold
Housing Markings
NONE No markings
D ON-OFF
Terminations
03 Solder lug with hole


Similar Part No. - LP22C21T203DQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LP22C21T203DQ ITT-LP22C21T203DQ Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
More results

Similar Description - LP22C21T203DQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com