Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSL0M511 Datasheet(PDF) 10 Page - C&K Components

Part # KSL0M511
Description  Low-profile Tact Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSL0M511 Datasheet(HTML) 10 Page - C&K Components

Back Button KSL0M511 Datasheet HTML 6Page - C&K Components KSL0M511 Datasheet HTML 7Page - C&K Components KSL0M511 Datasheet HTML 8Page - C&K Components KSL0M511 Datasheet HTML 9Page - C&K Components KSL0M511 Datasheet HTML 10Page - C&K Components KSL0M511 Datasheet HTML 11Page - C&K Components KSL0M511 Datasheet HTML 12Page - C&K Components KSL0M511 Datasheet HTML 13Page - C&K Components KSL0M511 Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
B–62
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KSI Series
Sealed Tact Switches
Features/Benefits
Long and soft actuator
Distinctive tactile feel
1.1 & 3 N actuation force
Ground terminal optional
RoHS compliant and compatible
Typical Applications
Automotive
Automation
Door entry systems
Remote controls
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed in the table above, please consult your local represenative.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
DISTANCE BETWEEN BUTTON CENTERS (min.): 7.62 (0.300)
TERMINALS: PC pins
Ground Terminal
0 Without
1 With*
Insertion
M Manual
V Vertical*
K
S
I
Contact Material
1 Silver contacts
3 Gold contacts
Operation Force
0 1.1 N (110 grams)
2 2 N (200 grams)
4 3 N (300 grams)
Sealing
1 Sealed IP 60
Mechanical
Packaging
Delivered in boxes of 500 pieces (M version) or 250 pieces (V version).
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
Actuation force
Operating life
Travel to
Type
N
(operations)
make
KSI0M411
2.25 - 4.0
100,000
1,1 ± 0,2
KSI0V211
1.5 - 2.5
100,000
0,7 ± 0,2
KSI0V411
2.25 - 4.0
100,000
1,1 ± 0,2
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 300 Vrms
CONTACT RESISTANCE: < 50 m
INSULATION RESISTANCE (100V): > 1011
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 90˚C
-55˚C to 125˚C
Process
Wave soldering, compatible with lead free soldering profile.
Durometer for silicone actuator is 50 shore
*Note: “1” Ground terminal not compatible with “V” insertion
L
F
T
RoHS compliant and compatible.
Tin plated.


Similar Part No. - KSL0M511

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSL0M511 CK-COMPONENTS-KSL0M511 Datasheet
254Kb / 5P
   Sealed Tact Switch
KSL0M511 CK-COMPONENTS-KSL0M511 Datasheet
272Kb / 6P
   KSA & KSL Series Sealed Tact Switch
KSL0M511 CK-COMPONENTS-KSL0M511 Datasheet
249Kb / 5P
   KSA KSL Series Sealed Tact Switch
KSL0M511 CK-COMPONENTS-KSL0M511 Datasheet
359Kb / 5P
   Designed for automatic or manual insertion
KSL0M511 CK-COMPONENTS-KSL0M511 Datasheet
481Kb / 5P
   Sealed Tact Switch
15 Oct 21
More results

Similar Description - KSL0M511

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
   Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
   Low Profile Tact Switch
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
   Low-profile Tact Switch
logo
C&K Components
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
   Low Profile Tact Switch
KSB CK-COMPONENTS-KSB_V01 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
   Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
   TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
   TACT SWITCH
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com