Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC Datasheet(PDF) 7 Page - C&K Components

Part # KSC
Description  Sealed Tact Switch for SMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC Datasheet(HTML) 7 Page - C&K Components

  KSC Datasheet HTML 1Page - C&K Components KSC Datasheet HTML 2Page - C&K Components KSC Datasheet HTML 3Page - C&K Components KSC Datasheet HTML 4Page - C&K Components KSC Datasheet HTML 5Page - C&K Components KSC Datasheet HTML 6Page - C&K Components KSC Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B–29
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KSC Series
Sealed Tact Switch for SMT
TAPE & REEL
FOR KSC7 FOR J TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)


Similar Part No. - KSC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC ITT-KSC Datasheet
316Kb / 5P
   Sealed Tact Switch for SMT
logo
Lumberg
KSC LUMBERG-KSC Datasheet
441Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
Mean Well Enterprises C...
KSC MEANWELL-KSC Datasheet
117Kb / 3P
   KNX LINE Coupler
logo
C&K Components
KSC CK-COMPONENTS-KSC Datasheet
423Kb / 3P
   Sealed Tact Switch for SMT
logo
Mean Well Enterprises C...
KSC-01L MEANWELL-KSC-01L Datasheet
117Kb / 3P
   KNX LINE Coupler
More results

Similar Description - KSC

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
   Sealed Tact Switch for SMT
26 May 22
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
   Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
   Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
   Sealed Tact Switch for SMT
logo
List of Unclassifed Man...
KSC323G ETC2-KSC323G Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC241GLFS CK-COMPONENTS-KSC241GLFS Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com