Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS102011SAQN Datasheet(PDF) 6 Page - C&K Components

Part # JS102011SAQN
Description  Sub-Miniature Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011SAQN Datasheet(HTML) 6 Page - C&K Components

  JS102011SAQN Datasheet HTML 1Page - C&K Components JS102011SAQN Datasheet HTML 2Page - C&K Components JS102011SAQN Datasheet HTML 3Page - C&K Components JS102011SAQN Datasheet HTML 4Page - C&K Components JS102011SAQN Datasheet HTML 5Page - C&K Components JS102011SAQN Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B
B
A
A
.945
± .008
24 ± 0,2
[]
.472
12
[]
.157
4
[]
.079
2
[]
ø .059
+.004
-.000
1,5
+0,1
-0,0
[]
.453
11,5
[]
.069
1,75
[]
.433
11
[]
.224
5,7
[]
.315
8
[]
.016
0,41
[]
JS Series
Sub-Miniature Slide Switches
B
B
A
A
0.295
(7,5)
0.069
(1,75)
0.157
(4)
0.339
(8,6)
0.472
(12)
0.079
(2)
0.122
(3,1)
0.047
(1,2)
0.630±.008
(16±0,2)
0.358
(9,1)
+.004
-.000
Ø0.059
(Ø1,5+0,1/-0)
0.067
(1,7)
0.193
+.004
-.000
(4+0, 1/-000)
0.015±.002
(0,4±0,05)
TAPE AND REEL FOR PART NUMBER JS10211SAQN
Quantity per reel 1000
B
B
A
A
.630
± .008
16 ± 0,2
[]
.016
0,4
[]
.315
± .004
8 ± 0,1
[]
.098
2,5
[]
.330
8,4
[]
.079
2
[]
.157
± .004
4 ± 0,1
[]
ø .059
+.004
-.000
1,5
+0,1
-0,0
[]
.295
7,5
[]
.069
1,75
[]
.217
5,5
[]
TAPE AND REEL FOR PART NUMBER JS102000SAQN
Quantity per reel 4000
TAPE AND REEL FOR PART NUMBER JS202011SCQN
Quantity per reel 1000
A-A SECTION
AA
B-B SECTION
24±0,2
[ .945± .008 ]
1,75
[.069]
4 ±0,1
[ .157± .004 ]
2
[.079]
8,7
[.343]
11,75
[.463]
0,4
[.016]
+0,1
ø1,5 0
+.004
.059
[
-.000 ]
12
[.472]
5,7
[.224]
8
[.315]
4
[.157]
TAPE AND REEL FOR
PART NUMBER JS102011SCQN
Quantity per reel 1000
I–54
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I


Similar Part No. - JS102011SAQN

ManufacturerPart #DatasheetDescription
logo
C&K Components
JS102011SAQNL CK-COMPONENTS-JS102011SAQNL Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
JS102011SAQNR CK-COMPONENTS-JS102011SAQNR Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
More results

Similar Description - JS102011SAQN

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
   Sub-miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
   Sub-Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
   SUB-MINIATURE SLIDE SWITCHES
logo
C&K Components
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
   Sub-Miniature Slide Switches
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
   Sub-Miniature Slide Switches
logo
C&K Components
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
   Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
   Sub-Miniature Slide Switches
22 Sep 22
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
   SLIDE SWITCHES - SUB-MINIATURE
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com