Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHT4008 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PHT4008
Description  400A Avg 800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT4008 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PHT4008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
Tj=125℃,VDM=VDRM
mA
■電気的特性 Electrical Characteristics
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=1300A
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
mA
mA
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
V
V
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.25
V
ターンオフ時間
Turn-Off Time
tq
Tj=125℃,ITM=IO,VD=2/3VDRM
dv/dt=20V/μs,
VR=100V,
−di/dt=20A/μs
μs
保持電流
Holding Current
IH
Tj=25℃
mA
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
℃/W
質量…約600g
Approximate Weight
Tj=−40℃
Tj=
25℃
Tj= 125℃
Tj=−40℃
Tj=
25℃
Tj= 125℃
最小
Min.
標準
Typ.
60
50
最大
Max.
1.35
300
150
80
5
3
2
0.12
臨界オフ電圧上昇率
Critical Rate of Rise of Off-State Voltage
dv/dt
Tj=125℃,VD=2/3VDRM
500
V/μs
ラッチング電流
Latching Current
IL
Tj=25℃
mA
150
ターンオン時間
Turn-On Time
tgt
Tj=25℃,VD=2/3VDRM
IG=300mA,diG/dt=0.2A/μs
μs
6
遅れ時間
Delay Time
td
μs
2
立上がり時間
Rise Time
tr
μs
4
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
℃/W
0.05
ピーク逆電流
Peak Reverse Current
IRM
Tj=125℃,VRM=VRRM
mA
50
─ 160 ─


Similar Part No. - PHT4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
   THYRISTOR MODULE 400A / 800V
More results

Similar Description - PHT4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT4008 NIEC-PDT4008_1 Datasheet
251Kb / 4P
   400A Avg 800 Volts
PC4008 NIEC-PC4008 Datasheet
210Kb / 2P
   DIODE 400A Avg 800 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
   DIODE 400A Avg 800 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
   DIODE 400A Avg 800 Volts
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
   THYRISTOR 400A AVG 800 VOLTS
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
   150A Avg 800 Volts
PD230S8 NIEC-PD230S8 Datasheet
83Kb / 1P
   230A Avg 800 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
PT151S8 NIEC-PT151S8_1 Datasheet
286Kb / 2P
   150A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
   200A Avg 800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com