Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT23MCXE Datasheet(PDF) 1 Page - C&K Components

Part # GT23MCXE
Description  Sealed Ultraminiature Toggle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

GT23MCXE Datasheet(HTML) 1 Page - C&K Components

  GT23MCXE Datasheet HTML 1Page - C&K Components GT23MCXE Datasheet HTML 2Page - C&K Components GT23MCXE Datasheet HTML 3Page - C&K Components GT23MCXE Datasheet HTML 4Page - C&K Components GT23MCXE Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
F–43
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
GT Series
Sealed Ultraminiature Toggle Switches
EPOXY
SEAL
.170 DIA.
.015 TYP.
(0,38)
.100
(2,54)
.177
(4,50)
.150
(3,81)
.160
(4,06)
.020 TYP.
(0,51)
.100
(2,54)
.066 DIA.
.063
(1,60)
.228
(5,79)
.130 TYP.
(3,30)
ACTUATOR SHOWN IN POS. 1
TERMINAL NOS. FOR
REFERENCE ONLY
GT12 MODEL
TERMINALS 1,3,4 & 6 ONLY
1
3
4
6
.276
(7,01)
C&K MARKING ON
OPPOSITE SIDE
1
2
3
4
6
GT12-omit hole 2.
PC MOUNTING
Features/Benefits
Sealed against solder and cleaning
process contaminants
Ultraminiature size, smallest
footprint available
Thru-hole and surface mount models
High temperature materials (UL 94V-0)
RoHS compliant and compatible
Typical Applications
Hand-held telecommunications
Small instrumentation
Specifications
CONTACT RATING: 0.4 VA max. @ 20 V AC or DC max.
MECHANICAL & ELECTRICAL LIFE: 40,000 make-and-break
cycles at full load.
CONTACT RESISTANCE: Below 50 m
Ω typ. initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
PACKAGING: Surface mount switches shipped in anti-static
tape and reel packaging per EIA 481-3, see page F-47 for
drawings and reel information. Tape and cover strip are
conductive for use near statically sensitive components,
consult Customer Service Center.
Materials
HOUSING AND BASE: Glass filled nylon 4/6, flame retardant,
heat stabilized (UL 94V-0).
ACTUATOR: Glass filled nylon 4/6, flame retardant, heat stabilized
(UL 94V-0), with standard internal o-ring seal.
SWITCH SUPPORT: Brass, tin plated.
MOVABLE CONTACTS: Copper alloy, with gold plate over
nickel plate.
STATIONARY CONTACTS: Copper alloy, with gold plate over
nickel plate.
TERMINALS: Gold.
TERMINAL SEAL: Epoxy. All terminals insert molded.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
How To Order
Complete part numbers for GT Series Sealed Ultraminiature Toggle Switches are shown on pages F–43 thru F–47.
Schematic
SPST
Note: Pins 4 and 6 not connected
OPEN
N/A
3-1
Conn. Terms.
OFF
NONE
ON
GT12MCXE
Schematic
SPDT
Note: Pins 4 and 6 not connected
2-3
OPEN
2-1
Conn. Terms.
ON
NONE
ON
ON
OFF
ON
GT11MCXE
GT13MCXE
SWITCH FUNCTION
POS.1
POS. 2
POS. 3
PART NUMBER
GT11MCXE
SPDT
NOTE:
X= Plating Option; K (tin lead) or B (gold)


Similar Part No. - GT23MCXE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GT23MCBE ITT-GT23MCBE Datasheet
565Kb / 5P
   Sealed Ultraminiature Toggle Switches
More results

Similar Description - GT23MCXE

ManufacturerPart #DatasheetDescription
logo
C&K Components
GT11MSCBE CK-COMPONENTS-GT11MSCBE Datasheet
419Kb / 5P
   Sealed Ultraminiature Toggle Switches
GT CK-COMPONENTS-GT Datasheet
847Kb / 6P
   Sealed Ultraminiature Toggle Switches
4 Mar 22
logo
ITT Industries
GT11MCBE ITT-GT11MCBE Datasheet
565Kb / 5P
   Sealed Ultraminiature Toggle Switches
logo
GREATECS
TK60 GREATECS-TK60 Datasheet
477Kb / 1P
   Sealed Ultraminiature Toggle Switches
logo
C&K Components
GT21MSCBE CK-COMPONENTS-GT21MSCBE Datasheet
419Kb / 5P
   GT Series Sealed Ultraminiature Toggle Switches
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
GREATECS
PB11 GREATECS-PB11 Datasheet
380Kb / 2P
   Sealed Ultraminiature Pushbutton Switches
logo
C&K Components
GP CK-COMPONENTS-GP Datasheet
715Kb / 5P
   Sealed Ultraminiature Pushbutton Switches
2 Mar 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com