Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM6K34N Datasheet(PDF) 6 Page - Rohm

Part # UM6K34N
Description  0.9V Drive Nch Nch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UM6K34N Datasheet(HTML) 6 Page - Rohm

  UM6K34N Datasheet HTML 1Page - Rohm UM6K34N Datasheet HTML 2Page - Rohm UM6K34N Datasheet HTML 3Page - Rohm UM6K34N Datasheet HTML 4Page - Rohm UM6K34N Datasheet HTML 5Page - Rohm UM6K34N Datasheet HTML 6Page - Rohm UM6K34N Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
UM6K34N
 
Measurement circuits
Notice
This product might cause chip aging and breakdown under the large electrified environment. Please consider to design
ESD protection circuit.
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
50%
10%
50%
VGS
Pulse width
VDS
ton
toff
tr
td(on)
tf
td(off)
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
6/6
2011.04 - Rev.A


Similar Part No. - UM6K34N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UM6K34N VBSEMI-UM6K34N Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

Similar Description - UM6K34N

ManufacturerPart #DatasheetDescription
logo
Rohm
EM6K34 ROHM-EM6K34 Datasheet
292Kb / 6P
   0.9V Drive Nch Nch MOSFET
RYB002N05 ROHM-RYB002N05 Datasheet
350Kb / 6P
   0.9V Drive Nch MOSFET
RYU002N05 ROHM-RYU002N05 Datasheet
981Kb / 6P
   0.9V Drive Nch MOSFET
logo
ZP Semiconductor
RYC002N05T316 ZPSEMI-RYC002N05T316 Datasheet
547Kb / 2P
   0.9V Drive Nch MOSFET
logo
Rohm
RYC002N05 ROHM-RYC002N05 Datasheet
1Mb / 7P
   0.9V Drive Nch MOSFET
RYE002N05 ROHM-RYE002N05 Datasheet
309Kb / 6P
   0.9V Drive Nch MOSFET
RYM002N05 ROHM-RYM002N05 Datasheet
322Kb / 6P
   0.9V Drive Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com