Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT8M1 Datasheet(PDF) 1 Page - Rohm

Part # TT8M1
Description  1.5V Drive Nch Pch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TT8M1 Datasheet(HTML) 1 Page - Rohm

  TT8M1 Datasheet HTML 1Page - Rohm TT8M1 Datasheet HTML 2Page - Rohm TT8M1 Datasheet HTML 3Page - Rohm TT8M1 Datasheet HTML 4Page - Rohm TT8M1 Datasheet HTML 5Page - Rohm TT8M1 Datasheet HTML 6Page - Rohm TT8M1 Datasheet HTML 7Page - Rohm TT8M1 Datasheet HTML 8Page - Rohm TT8M1 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
1.5V Drive Nch + Pch MOSFET
TT8M1
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET/
Silicon P-channel MOSFET
Features
1) Low on-resistance.
2) High power package (TSST8).
3) Low voltage drive (1.5V drive).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TR
Basic ordering unit (pieces)
3000
TT8M1
Absolute maximum ratings (Ta = 25
C)
Tr1 : N-ch Tr2 : P-ch
Drain-source voltage
VDSS
20
20
V
Gate-source voltage
VGSS
10
10
V
Continuous
ID
2.5
2.5
A
Pulsed
IDP
10
10
A
Continuous
Is
0.8
0.8
A
Pulsed
Isp
10
10
A
W / TOTAL
W / ELEMENT
Channel temperature
Tch
C
Range of storage temperature
Tstg
C
*1 Pw
10s, Duty cycle1%
*2 Mounted on a ceramic board.
Symbol
Type
Source current
(Body Diode)
Drain current
Parameter
Unit
Limits
1
150
Power dissipation
PD
1.25
55 to +150
(1) Tr1 Source
(2) Tr1 Gate
(3) Tr2 Source
(4) Tr2 Gate
(5) Tr2 Drain
(6) Tr2 Drain
(7) Tr1 Drain
(8) Tr1 Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
*1
*2
*1
Abbreviated symbol :M01
TSST8
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)
1/8
2010.08 - Rev.A


Similar Part No. - TT8M1

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8M11 ROHM-TT8M11 Datasheet
1Mb / 11P
   4V Drive Nch Pch MOSFET
More results

Similar Description - TT8M1

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8M3 ROHM-TT8M3 Datasheet
359Kb / 9P
   1.5V Drive Nch Pch MOSFET
US6M11TR ROHM-US6M11TR Datasheet
206Kb / 8P
   1.5V Drive Nch Pch MOSFET
US6M11 ROHM-US6M11_09 Datasheet
273Kb / 8P
   1.5V Drive NchPch MOSFET
TT8M2 ROHM-TT8M2_09 Datasheet
267Kb / 9P
   2.5V Drive Nch MOSFET 1.5V Drive Pch MOSFET
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com