Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5P1632 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH5P1632
Description  CMOS 512K (32K x 16) Pseudo-Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH5P1632 Datasheet(HTML) 5 Page - Sharp Corporation

  LH5P1632 Datasheet HTML 1Page - Sharp Corporation LH5P1632 Datasheet HTML 2Page - Sharp Corporation LH5P1632 Datasheet HTML 3Page - Sharp Corporation LH5P1632 Datasheet HTML 4Page - Sharp Corporation LH5P1632 Datasheet HTML 5Page - Sharp Corporation LH5P1632 Datasheet HTML 6Page - Sharp Corporation LH5P1632 Datasheet HTML 7Page - Sharp Corporation LH5P1632 Datasheet HTML 8Page - Sharp Corporation LH5P1632 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TRUTH TABLE
INPUT
OUTPUT
MODE
NOTE
CE
UOE
LOE/RFSH
UWR
LWR
I/O9 – I/O16
I/O1 – I/O8
UPPER BYTE
LOWER BYTE
H
D
D
D
D
High-Z
High-Z
Standby
LL
L
H
H
DOUT
DOUT
Read
Read
L
H
L
H
H
High-Z
DOUT
CE only refresh
Read
LL
H
H
H
DOUT
High-Z
Read
CE only refresh
L
H
H
H
H
High-Z
High-Z
CE only refresh
CE only refresh
LD
D
L
L
DIN
DIN
Write
Write
LD
H
L
H
DIN
High-Z
Write
CE only refresh
L
H
D
H
L
High-Z
DIN
CE only refresh
Write
LD
L
L
H
DIN
DOUT
Write
Read
Inhibit
LL
D
H
L
DOUT
DIN
Read
Write
Inhibit
H
D
D
D
High-Z
High-Z
Auto Refresh
NOTES:
D = Don’t care.
High-Z = High impedance.
5P1632-3
tOHZ
VALID-DATA
OUTPUT
VIH
VIL
CE
tP
tRC
tCE
tP
tAS
ADDRESS
INPUT
tAH
VIH
VIL
A0 - A14
VIH
VIL
tOEH
tOEL
tOES
VIH
VIL
LWR
UWR
tRCS
tRCH
tCEA
tCHZ
tOEA
tOLZ
tCLZ
VOH
VOL
I/O1 - I/O16
LOE/RFSH
UOE
Figure 4. Read Cycle
CMOS 512K (32K
× 16) Pseudo-Static RAM
LH5P1632
5


Similar Part No. - LH5P1632

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P8128 SHARP-LH5P8128 Datasheet
116Kb / 13P
   CMOS 1M (128K x 8) Pseudo-Static RAM
LH5P8129 SHARP-LH5P8129 Datasheet
119Kb / 14P
   CMOS 1M (128K x 8) CS-Control Pseudo-Static RAM
LH5P832 SHARP-LH5P832 Datasheet
95Kb / 9P
   CMOS 256K (32K x 8) Pseudo-Static RAM
LH5P860 SHARP-LH5P860 Datasheet
108Kb / 13P
   CMOS 512K (64K x 8) Pseudo-Static RAM
LH5P860D-80 SHARP-LH5P860D-80 Datasheet
108Kb / 13P
   CMOS 512K (64K x 8) Pseudo-Static RAM
More results

Similar Description - LH5P1632

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Sharp Corporation
LH5P832 SHARP-LH5P832 Datasheet
95Kb / 9P
   CMOS 256K (32K x 8) Pseudo-Static RAM
LH5PV8512 SHARP-LH5PV8512 Datasheet
90Kb / 12P
   CMOS 4M (512K x 8) Pseudo-Static RAM
LH5P860 SHARP-LH5P860 Datasheet
108Kb / 13P
   CMOS 512K (64K x 8) Pseudo-Static RAM
LH5P864 SHARP-LH5P864 Datasheet
76Kb / 10P
   CMOS 512K (64K x 8) Pseudo-Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com