Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543620 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH543620
Description  1024 x 36 Synchronous FIFO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543620 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH543620 Datasheet HTML 6Page - Sharp Corporation LH543620 Datasheet HTML 7Page - Sharp Corporation LH543620 Datasheet HTML 8Page - Sharp Corporation LH543620 Datasheet HTML 9Page - Sharp Corporation LH543620 Datasheet HTML 10Page - Sharp Corporation LH543620 Datasheet HTML 11Page - Sharp Corporation LH543620 Datasheet HTML 12Page - Sharp Corporation LH543620 Datasheet HTML 13Page - Sharp Corporation LH543620 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Table 1. Input-Port Address
ADI2
ADI1
ADI0
SELECTION
DEFAULT VALUE
(of the selected
REGISTER)
L
L
L
RBASE register
0
LL
H
ROFFSET
register
0
LH
L
AF offset value
8
L
H
H
Parity register
0
HL
L
AE offset value
8
HL
HControl register
1
H
H
L
Mailbox
0
HH
H
Resource
registers write
disabled
Table 2. Input-Port Word-Width Selection
WSI1
WSI0
FUNCTION
LL
9-Bit Data-Path
Width
Input data D[8:0]
LH
18-Bit Data-Path
Width
Input data D[17:0]
HL
Reserved
HH
36-Bit Data-Path
Width
Input data D[35:0]
PIN NAME
DESCRIPTION
ASYNCHRONOUS CONTROL
RS
Master Reset. When asserted LOW, the LH543620 internal resource registers are set to their
default value. See Table 1. The status flags indicate Empty FIFO.
OE
Output Enable. When asserted LOW, OE forces Q[35:0] to be active. When deasserted HIGH, OE
forces Q[35:0] into a Hi-Z state. Bit 6 of the control register governs whether OE suppresses the
advancement of the Read Pointer (RP). In this case, OE must obey setup time and hold time
relative to CKO.
BYE
Data-Bypass Enable. When asserted LOW, BYE connects Q[35:0] directly to D[35:0].
CAPR
Command-Address Port Reference. CAPR determines the source of the 16-bit word to be loaded
into the resource register. Whenever CAPR is LOW, the word comes from the Input Port. Whenever
CAPR is HIGH (OE is HIGH), the word comes from the Output Port.
NOTES:
1. The destination of the resource register is always the Output Port.
2. CAPR is assumed to be a steady signal. It is not allowed to change ‘on-the-fly’ during operation.
CONTROL SIGNALS SYNCHRONOUS TO THE INPUT CLOCK
ENI1, ENI2
Input-Port Enables. ENI1 and ENI2 are active HIGH and synchronous to the rising edge of CKI.
Data is written into the FIFO memory array when both ENI1 and ENI2 are asserted HIGH.
NOTE: ENI1, ENI2 DO NOT ENABLE writing data into the Resource Registers or the Mailbox.
ADI[2:0]
Input-Port Address. ADI[2:0] specifies the Input-Port destination. See Table 1. ADI[2:0] is
synchronized to the rising edge of CKI.
WSI[1:0]
Input-Port Word-Width Selection. WSI[1:0] selects the Input-Port Word-Width. See Table 2.
WSI[1:0] is synchronous to the rising edge of CKI.
LH543620
1024
× 36 Synchronous FIFO
10


Similar Part No. - LH543620

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543620

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543601 SHARP-LH543601 Datasheet
360Kb / 43P
   256 x 36 x 2 Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com