Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543620 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH543620
Description  1024 x 36 Synchronous FIFO
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543620 Datasheet(HTML) 1 Page - Sharp Corporation

  LH543620 Datasheet HTML 1Page - Sharp Corporation LH543620 Datasheet HTML 2Page - Sharp Corporation LH543620 Datasheet HTML 3Page - Sharp Corporation LH543620 Datasheet HTML 4Page - Sharp Corporation LH543620 Datasheet HTML 5Page - Sharp Corporation LH543620 Datasheet HTML 6Page - Sharp Corporation LH543620 Datasheet HTML 7Page - Sharp Corporation LH543620 Datasheet HTML 8Page - Sharp Corporation LH543620 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LH543620
1024
× 36 Synchronous FIFO
FEATURES
•• Fast Cycle Times: 20/25/30 ns
•• Selectable 36/18/9-Bit Word Width for Both
Input Port and Output Port
•• Byte-Order-Reversal Function (i.e.,
‘Big-Endian’ £ ‘Little-Endian’ Conversion)
•• 16-mA-IOL Three-State Outputs
•• Automatic Byte Parity Checking
•• Selectable Byte Parity Generation
•• Five Status Flags: Full, Almost-Full,
Half-Full, Almost-Empty, and Empty
•• All FIFO Status Flags are Synchronous
(AE, HF, AF Through Programming of
Control Register)
•• Programmed Values may be entered from
either Port
•• Two Enable Control Signals for each Port
•• Mailbox Register with Synchronized Flags
•• Asynchronous Data-Bypass Function
•• ‘Smart’ Data-Retransmit Function
•• Configurable for Paralleled FIFO Operation
(72-Bit Data Width)
•• Space-Saving PQFP and TQFP 1
Packages
•• PQFP-to-PGA Package Conversion 2
FUNCTIONAL DESCRIPTION
The LH543620 is a FIFO (First-In, First-Out) memory
device, based on fully-static CMOS RAM technology,
capable of containing up to 1024 36-bit words. It can
replace four or more nine-bit-wide FIFOs in many appli-
cations.
The input port and the output port operate inde-
pendently of each other. Write operations are performed
on the rising edge of the input clock CKI, and enabled by
two enabled signals ENI1, ENI2. Read operations are
performed on the rising edge of the output clock CKO and
enabled by two enabled signals ENO1, ENO2.
Five status flags are available to monitor the memory
array status: Full, Almost-Full, Half-Full, Almost-Empty,
and Empty. The Almost-Full and Almost-Empty flags are
initialized to a default offset of eight locations from their
respective boundaries, but they are each programmable
over the entire FIFO depth.
Both the input port and the output port may be set
independently to operate at three data-word widths: 36
bits, 18 bits, or 9 bits. This setting may be changed during
system operation. The LH543620 can perform Byte-Or-
der-Reversal on the four nine-bit bytes of each 36-bit data
word passing through it, thus accomplishing ‘Big Endian’
↔ ‘Little Endian’ conversion.
When data is read out of the FIFO a byte-parity check
is performed. The parity flag is used to indicate that a
parity error was detected in one of the 9-bit bytes of the
output word.
Parity generation, when selected, creates the parity bit
of each 8-bit byte of the input word. The result is written
into the MSB-bit of each 9-bit byte, overwriting the pre-
vious contents of the bit. The default is odd parity. How-
ever, the FIFO may be programmed to use even parity.
The LH543620 has a data-bypass mode that connects
the output port to the input port asynchronously. A mailbox
facility with Synchronized Flags is provided from the input
port to the output port.
The LH543620’s ‘Smart-Retransmit’ capability sets the
internal-memory read pointer to any arbitrary memory
location. The ‘Smart-Retransmit’ capability includes a
Marking Function and a Programmable Offset to support
data communication and digital signal processing appli-
cations.
1.
This is a final data sheet; except that all references to the TQFP
package have Preliminary status.
2.
For PQFP-to-PGA conversion for thru-hole board designs, Sharp
recommends ITT Pomona Electronics’ SMT/PGA Generic Con-
verter model #5853®. This converter maps the LH543620 132-
pin PQFP to a generic 13
× 13, 132-pin PGA (100-mil pitch). For
more information, contact Sharp or ITT Pomona Electronics at
1500 East Ninth Street, Pomona, CA 91766, (909) 469-2900.
1


Similar Part No. - LH543620

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543620

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543601 SHARP-LH543601 Datasheet
360Kb / 43P
   256 x 36 x 2 Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3640 RENESAS-IDT72V3640 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com