Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-E12WBW1P Datasheet(PDF) 1 Page - Rohm

Part # SML-E12WBW1P
Description  EXCELEDTM series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-E12WBW1P Datasheet(HTML) 1 Page - Rohm

  SML-E12WBW1P Datasheet HTML 1Page - Rohm SML-E12WBW1P Datasheet HTML 2Page - Rohm SML-E12WBW1P Datasheet HTML 3Page - Rohm SML-E12WBW1P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.6
0.8
Terminal
1.2
Cathode mark
0.8
*1:Duty1/5, 200Hz / *2:Duty1/10, 1kHz *3:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V) IF(mA)
Max.
(μA) VR(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-E12V8W
AIGaInP
on GaAs
Red
54
20
100*
2
5
-40 to +85
-40 to +100
2.2
20
10
4
625
630
635
20
16
40
20
SML-E12UW
62
25
60*
1
4
-30 to +85
-40 to +85
2.1
619
624
629
36
100
SML-E12U8W
54
20
100*
2
5
-40 to +85
-40 to +100
2.2
615
620
625
25
63
SML-E12DW
Orange
62
25
60*
1
4
-30 to +85
-40 to +85
1.9
603.5 606.5 609.5
56
200
SML-E12D8W
54
20
100*
2
5
-40 to +85
-40 to +100
2.2
602
605
608
40
100
SML-E12Y8W
Yellow
587
590
593
25
63
SML-E12M8W
Yellowish
Green
569
572
575
10
25
SML-E12P8W
Green
557
560
563
2.5
6.3
SMLE12EC6T
InGaN
Bluish
Green
68
-30 to +85
3.0
5
5
520
527
535
5
36
85
5
SMLE12BC7T
Blue
66
2.9
464
470
476
9
22
SMLE12WBC7W
White
100
(x, y) (0.30, 0.30)
22
71
Color
Type
V
U
D
Y
M
P
E
B
WB
SML-E1 Series
Features
・EXCELEDTM series
・Compact, Thin size (1.6×0.8mm, t=0.36mm)
・LED die consists of 4 elements
・Original device technology enables high brightness and high
reliability
1608(0603)
1.6×0.8mm(t=0.36mm)
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
X - Y
X' - Y'
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE(deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT (deg)
X’ - Y’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X - Y
SML-E12 Series / SML-E12□8 Series
SMLE12 Series
Tolerance : ±0.1
(unit : mm)
SML-E12□8 series
SML-E12 series
SMLE12BC7T / EC6T
SMLE12WBC7W
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
(unit : mm)
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
EXCELEDTM is ROHM's pending tradmark.
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-E12WBW1P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-E12 ROHM-SML-E12 Datasheet
34Kb / 1P
   Surface Mount Chip LEDs
SML-E12D8W ROHM-SML-E12D8W Datasheet
113Kb / 3P
   Standard Type
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   SML-E1 Series
SML-E12D8W ROHM-SML-E12D8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
More results

Similar Description - SML-E12WBW1P

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12WBC7W1 ROHM-SMLA12WBC7W1 Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-E1 ROHM-SML-E1_12 Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com