Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLK34WBEPW11F Datasheet(PDF) 1 Page - Rohm

Part # SMLK34WBEPW11F
Description  High heat radiation package from ROHM original flat frame
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLK34WBEPW11F Datasheet(HTML) 1 Page - Rohm

  SMLK34WBEPW11F Datasheet HTML 1Page - Rohm SMLK34WBEPW11F Datasheet HTML 2Page - Rohm SMLK34WBEPW11F Datasheet HTML 3Page - Rohm SMLK34WBEPW11F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.74
0.6
4
4.5
Anode Index
(unit :mm)
Tolerance : ±0.2
(unit : mm)
25
20
15
10
5
0
0
1
2
3
4
5
6
7
Luminous Intensity (cd)
0.48
0.44
0.40
0.36
0.32
0.28
0.24
0.26
0.30
0.34
0.38
0.42
0.46
0.50
0.54
CIE x
High Color Rendering (AW)
High Color Rendering (BW)
Standard (CW)
Standard (DW)
(5000K)
(4200K)
(3500K)
(2900K)
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Chromaticity Coordinates Luminous Intensity IV Luminous Flux ΦV
Typ.
(V) IF(mA)
(x, y)
IF(mA) Min.
(mcd)
Typ.
(mcd) IF(mA)
Typ.
(lm) IF(mA)
SMLK34WBECW
InGaN
White
360
90
300
-
-40 to +100 -40 to +100
3.4
60
(0.30, 0.28)
60
4000 5500
60
(14)
60
SMLK34WBEDW
(0.34, 0.34)
SMLK34WBEAW
High color rendering
index (5000K)
(0.345, 0.351)
2200 3800
(9.5)
SMLK34WBEBW
High color rendering
index (3000K)
(0.44, 0.40)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X−Y
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
X’−Y’
Chromaticity Diagram
*Duty1/10 1kHz ( ): Reference
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Dimensions
Viewing Angle
Recommended Solder Pattern
Specifications
IV-Øv
Color
Type
WB
SMLK34 series
PSML2
Specifications
・High heat radiation package from ROHM original flat frame
structure.
・Warm white, True white.
4520(1808)
4.5×2.0mm(t=0.6mm)
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SMLK34WBEPW11F

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLK34WBEPW11F ROHM-SMLK34WBEPW11F Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
More results

Similar Description - SMLK34WBEPW11F

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLK34 ROHM-SMLK34 Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK19 ROHM-SMLK19 Datasheet
1,015Kb / 4P
   High heat radiation package from ROHM original flat flame structure
SMLK18WB ROHM-SMLK18WB Datasheet
315Kb / 11P
   High heat radiation "PSML2" series
logo
Rochester Electronics
AM186ED-40KI ROCHESTER-AM186ED-40KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Sharp Corporation
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
logo
Rohm
SLR-342MC3F ROHM-SLR-342MC3F Datasheet
878Kb / 4P
   ROHM Customer Support System
logo
Lumileds Lighting Compa...
DS107 LUMILEDS-DS107 Datasheet
2Mb / 15P
   The original high power LED
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
logo
Lumileds Lighting Compa...
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
   The original high-power LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com