Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848CW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC848CW
Description  NPN General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC848CW Datasheet(HTML) 1 Page - Micro Commercial Components

  BC848CW Datasheet HTML 1Page - Micro Commercial Components BC848CW Datasheet HTML 2Page - Micro Commercial Components BC848CW Datasheet HTML 3Page - Micro Commercial Components BC848CW Datasheet HTML 4Page - Micro Commercial Components BC848CW Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maximum Ratings
Operating temperature : -65
to +150
Storage temperature : -65
to +150
Thermal resistance from junction to ambient*: 625K/W
BC846AW/BW
BC847AW/BW/CW
BC848AW/BW/CW
NPN
General Purpose
Transistors
Features
Low current (max. 100mA)
Low voltage (max. 65V)
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10uAdc, IE=0)
BC846AW/BW
BC847AW/BW/CW
BC848AW/BW/CW
---
---
---
80
50
30
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
BC846AW/BW
---
---
---
65
45
30
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=1
µAdc, IC=0)
BC846AW/BW, BC847AW/BW/CW
---
---
6
5
Vdc
IC
Collector Current (DC)
---
100
mAdc
ICM
Peak Collector Current
---
200
mAdc
IBM
Peak Base Current
---
200
mAdc
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
E
B
C
* Transistor mounted on an FR4 printed-circuit board
Symbol
Electrical Characteristics @ 25
Unless Otherwise Specified
Marking: BC846AW---1A ; BC846BW---1B
BC847AW---1E ; BC847BW---1F ; BC847CW---1G
BC848AW---1JS/1J ; BC848BW---1KS/1K ; BC848CW---1LS/1L
MCC
Micro Commercial Components
www.mccsemi.com
Revision: A
2011/01/01
1 of 5
BC847AW/BW/CW
BC848AW/BW/CW
BC848AW/BW/CW
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
inches
mm


Similar Part No. - BC848CW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC848CW SIEMENS-BC848CW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Taiwan Semiconductor Co...
BC848CW TSC-BC848CW Datasheet
334Kb / 5P
   NPN Transistor
logo
Diodes Incorporated
BC848CW DIODES-BC848CW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
SeCoS Halbleitertechnol...
BC848CW SECOS-BC848CW Datasheet
909Kb / 4P
   NPN Plastic Encapsulate Transistor
logo
Infineon Technologies A...
BC848CW INFINEON-BC848CW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
More results

Similar Description - BC848CW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com