Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL05-1A72-71QHR Datasheet(PDF) 1 Page - Meder Electronic

Part # SIL05-1A72-71QHR
Description  SIL Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL05-1A72-71QHR Datasheet(HTML) 1 Page - Meder Electronic

  SIL05-1A72-71QHR Datasheet HTML 1Page - Meder Electronic SIL05-1A72-71QHR Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIL05-1A72-71QHR
Item:
| Email: salesasia@meder.com
3305172871
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Pull-In voltage
Drop-Out voltage
Contact data 66/3
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!"#$%&!"!&
Start Value
Contact resistance static
'
&(
!'
Start Value
Contact resistance dynamic
)
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
*+
@ 10 kHz across open switch
Capacity
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
A - NO
Contact - form
,
according to EN 60255-5
Dielectric Strength Coil/Contact
)
RH <45%, 200 VDC measuring voltage
Insulation resistance Coil/Contact
epoxy resin
Housing material
FeNi-alloy tin plated
Connection pins
yes
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
08.03.04
SCHELLHORN
THAUKE
1
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
12.07.11
CRUF
Approval by:
Approval by:
12.07.11
Approval at:
Approval at:


Similar Part No. - SIL05-1A72-71QHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A72-71QHR MEDER-SIL05-1A72-71QHR Datasheet
511Kb / 4P
   Single-In-Line
SIL05-1A72-71QHR_DE MEDER-SIL05-1A72-71QHR_DE Datasheet
148Kb / 2P
   (deutsch) SIL Reed Relay
More results

Similar Description - SIL05-1A72-71QHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL12-1B90-71L MEDER-SIL12-1B90-71L Datasheet
74Kb / 1P
   SIL Reed Relay
SIL15-1A72-71Q MEDER-SIL15-1A72-71Q Datasheet
128Kb / 2P
   SIL Reed Relay
SIL05-1C90-51Q MEDER-SIL05-1C90-51Q Datasheet
74Kb / 1P
   SIL Reed Relay
SIL12-1A84-71D MEDER-SIL12-1A84-71D_09 Datasheet
84Kb / 2P
   SIL Reed Relay
SIL05-1A72-71M MEDER-SIL05-1A72-71M Datasheet
116Kb / 2P
   SIL Reed Relay
SIL05-1A72-71Q MEDER-SIL05-1A72-71Q Datasheet
129Kb / 2P
   SIL Reed Relay
SIL05-1B90-71D MEDER-SIL05-1B90-71D Datasheet
69Kb / 1P
   SIL Reed Relay
SIL05-1C90-51D MEDER-SIL05-1C90-51D Datasheet
74Kb / 1P
   SIL Reed Relay
SIL24-1A75-73L MEDER-SIL24-1A75-73L Datasheet
119Kb / 2P
   SIL Reed Relay
SIL12-1A72-71QHR MEDER-SIL12-1A72-71QHR Datasheet
132Kb / 2P
   SIL Reed Relay
SIL12-1A72-73L MEDER-SIL12-1A72-73L Datasheet
74Kb / 1P
   SIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com