Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-522MUW Datasheet(PDF) 3 Page - Rohm

Part # SML-522MUW
Description  2-color type LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-522MUW Datasheet(HTML) 3 Page - Rohm

  SML-522MUW Datasheet HTML 1Page - Rohm SML-522MUW Datasheet HTML 2Page - Rohm SML-522MUW Datasheet HTML 3Page - Rohm SML-522MUW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-52 Series
Rank Reference of Brightness
Dual Color
(Ta=25˚C, IF=20mA)
※Brightness on specification sheet include tolerance of within ± 10%.
(Ta=25˚C, IF=5mA)
Package
size
(mm)
Height
(mm)
Part No.
Luminous
Intensity
(mcd)
Emitting Color
K
L
M
N
P
Q
R
S
T
U
4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 90 to 140 140 to 220 220 to 360
Mini-mold
Chip LEDs
1315
0.6
SML-522MUW
Red
U
Yellowish Green
M
SML-522MU8W
Red
U
Green
M
SML-521MUW
Red
U
Yellowish Green
M
SML-521MDW
Orange
D
Yellowish Green
M
SML-522MD8W
Orange
D
Green
M
SML-521MYW
Yellow
Y
Yellowish Green
M
Package
size
(mm)
Height
(mm)
Part No.
Luminous
Intensity
(mcd)
Emitting Color
K
L
M
N
P
Q
R
S
T
U
4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 90 to 140 140 to 220 220 to 360
Mini-mold
Chip LEDs
1315
0.6
SML522BUW
Red
U
Blue
B
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
5 2 2 M U 8 W
R
Q
T 8 6
Special Code
A
Special Code
“−” will be taken out for
emitting color B series.
Series name
Package type
Chip Type
Emitting Color
Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
U
1 Standard Type
2 High Brightness Type
D
Y
M
B
T86
T87
W Milky White
Cathode at sprocket hole side
Reverse of T86
Red:620nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572nm
Blue:470nm
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-522MUW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-522MUW ROHM-SML-522MUW Datasheet
1Mb / 4P
   SML-52 Series
SML-522MUW ROHM-SML-522MUW Datasheet
1Mb / 4P
   Abundant 2 color variations
SML-522MUW ROHM-SML-522MUW Datasheet
1Mb / 4P
   2-color type LED
SML-522MUW ROHM-SML-522MUW Datasheet
588Kb / 10P
   Abundant 2 color variations
SML-522MUW ROHM-SML-522MUW Datasheet
336Kb / 13P
   2-color type LED
More results

Similar Description - SML-522MUW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
   2-color type LED
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   2-color type LED
SML-D22X ROHM-SML-D22X Datasheet
273Kb / 10P
   2-color type LED
2020.4 - Rev.006
SML-P24 ROHM-SML-P24 Datasheet
877Kb / 4P
   Ultra compact 2-color type LED 1.0x1.0
logo
NICHIA CORPORATION
NSSM016DT NICHIA-NSSM016DT Datasheet
435Kb / 13P
   TYPE FULL COLOR LED
NSSM026ABT NICHIA-NSSM026ABT Datasheet
306Kb / 13P
   TYPE FULL COLOR LED
logo
Elite Enterprises (H.K....
EL-2RG732 ELITE-EL-2RG732 Datasheet
203Kb / 1P
   MULTI-COLOR TYPE LED
EL-3RG332 ELITE-EL-3RG332 Datasheet
201Kb / 1P
   MULTI-COLOR TYPE LED
EL-3RGU32 ELITE-EL-3RGU32 Datasheet
202Kb / 1P
   MULTI-COLOR TYPE LED
EL-8RG332 ELITE-EL-8RG332 Datasheet
207Kb / 1P
   MULTI-COLOR TYPE LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com