Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC639-10 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC639-10
Description  NPN Epitaxial Silicon Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC639-10 Datasheet(HTML) 2 Page - Micro Commercial Components

  BC639-10 Datasheet HTML 1Page - Micro Commercial Components BC639-10 Datasheet HTML 2Page - Micro Commercial Components BC639-10 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: A
2011/01/01
2 of 3


Similar Part No. - BC639-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC639-10 PHILIPS-BC639-10 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 23
BC639-10 NXP-BC639-10 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
logo
Micro Commercial Compon...
BC639-10 MCC-BC639-10 Datasheet
346Kb / 3P
   NPN Epitaxial Silicon Transistors
BC639-10 MCC-BC639-10_13 Datasheet
346Kb / 3P
   NPN Epitaxial Silicon Transistors
More results

Similar Description - BC639-10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
   NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
   NPN Epitaxial Silicon Transistors
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
   NPN Silicon Epitaxial Transistors
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com