Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-110FT Datasheet(PDF) 1 Page - Rohm

Part # SML-110FT
Description  Side-view with reflector type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-110FT Datasheet(HTML) 1 Page - Rohm

  SML-110FT Datasheet HTML 1Page - Rohm SML-110FT Datasheet HTML 2Page - Rohm SML-110FT Datasheet HTML 3Page - Rohm SML-110FT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1.5
LED
Emitting
Direction
Terminal
2.8
1.6
4-R0.4
3.0
1.6
0.8
0.3
2.3
Cathode mark
(unit:mm)
Tolerance:±0.2
(unit:mm)
PartNo.
Chip
Structure
Emitting
Color
AbsoluteMaximumRatings(Ta=25℃)
ElectricalandOpticalCharacteristics(Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
PeakForward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
ForwardVoltageVF ReverseCurrentIR DominantWavelengthλD LuminousIntensityIV
Typ.(V) IF(mA) Max.
(μA) VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm) IF(mA)
Min.
(mcd)
Typ.
(mcd) IF(mA)
SML-110VT
GaAsP
onGaP
Red
70
25
60
*1
4
-30to+85
-40to+85
2.0
20
100
4
625
630
635
20
2.2
6.3
20
SML-110DT
Orange
602
605
608
3.6
10
SML-110YT
Yellow
2.1
587
590
593
2.2
6.3
SML-110MT
GaP
Yellowish
Green
2.2
569
572
575
5.6
16
SML-110FT
Green
562
565
568
3.6
10
SML-110PT
Green
557
560
563
2.2
6.3
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
X - Y
RELATIVE INTENSITY(%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
ANGULAR DISPLACEMENT(deg)
X’ - Y’
SML-11 Series
RELATIVEINTENSITY(%)
Directivity(deg)
RELATIVEINTENSITY(%)
Directivity(deg)
*1:Duty1/5,200Hz/*2:Reference
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
L
V
D
Y
M
F
P
W
SML-11Series
Features
・Side-viewwithreflectortype
・3.0×2.0mmt=1.6mm
3020(1208)
3.0×2.0mm(t=1.6mm)
1/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SML-110FT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-110FT ROHM-SML-110FT Datasheet
110Kb / 3P
   SML-11 Series
More results

Similar Description - SML-110FT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-C1 ROHM-SML-C1 Datasheet
1Mb / 3P
   Side-view with reflector type
logo
Seoul Semiconductor
SMDB05V SEOUL-SMDB05V Datasheet
1Mb / 19P
   Side View LED Of Reflector Type
SWAA0B SEOUL-SWAA0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SSWM81EB0 SEOUL-SSWM81EB0 Datasheet
1Mb / 18P
   Side View LEd Of Reflector Type
SWBF0B SEOUL-SWBF0B Datasheet
1Mb / 17P
   Side View LED of Reflector type
SWFB07 SEOUL-SWFB07 Datasheet
1Mb / 17P
   Side View LED of Reflector type
SMFB07 SEOUL-SMFB07 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
SWDB05V SEOUL-SWDB05V Datasheet
1Mb / 19P
   Side View LED of Reflector type
SSW061FH0 SEOUL-SSW061FH0 Datasheet
1Mb / 17P
   Side View LED Of Reflector Type
logo
List of Unclassifed Man...
T2520 ETC2-T2520 Datasheet
293Kb / 14P
   Thin Top View with Reflector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com