Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM02-F796LFT Datasheet(PDF) 1 Page - C&K Components

Part # CCM02-F796LFT
Description  CCM02 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM02-F796LFT Datasheet(HTML) 1 Page - C&K Components

  CCM02-F796LFT Datasheet HTML 1Page - C&K Components CCM02-F796LFT Datasheet HTML 2Page - C&K Components CCM02-F796LFT Datasheet HTML 3Page - C&K Components CCM02-F796LFT Datasheet HTML 4Page - C&K Components CCM02-F796LFT Datasheet HTML 5Page - C&K Components CCM02-F796LFT Datasheet HTML 6Page - C&K Components CCM02-F796LFT Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
12
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ck-components.com
CCM02 Series
Mechanical
Number of Contacts
8
Mechanical life
500,000 cycles min
Card insertion force
10N to 40N
Card extraction force
1N min / 10N max
Contact force
0,2N / 0,50N max
Card detection switch
0,8 N max for actuation (end travel switch
actuation force actuates when card is 0,9mm
from card stop)
1,8 N max for complete depression
Vibration Frequency
10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0,35mm
Max elect. discontinuity 1µs
Shock
Peak value 500 m/s2 – Duration 11 ms
3 shocks in each direction of each axis
Packaging
Tray 30 parts / Cartons 300 parts
Reel 120 parts
Soldering
Compatible with lead free reflow soldering process
For version with security cover, please contact Customer Service for
soldering recommendations.
Features
Operating life 500,000 cycles
Insertion force 40N
EMV
PCI & PCI ready
Card detection sealed switch
Typical Applications
Transaction
Identification
POS
Contact Electrical Data
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Switch Electrical Data
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1 mA min / 10 mA max
Maximum power
0.2 VA
Environmental Data
Operating temperature
-40°C to +85°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
Card detection switch
Sealed against dust
RoHS compliant
Designation
Termination Contact Type I/O Protect Security Cover
Total Height
(mm)
Dimension
PCB version
CCM02-2503LFT
THT
landing
6,25
38,5 X 55,6
4 clips
CCM02-2504LFT
SMT
landing
6,25
38,5 X 55,6
4 clips
CCM02-F503LFT
THT
friction
6,25
38,5 X 55,6
4 clips
CCM02-F504LFT
SMT
friction
6,25
38,5 X 55,6
4 clips
CCM02-F796LFT
SMT
friction
6,25
38,5 X 55,6
4 metal pegs
CCM02 F794LFT
SMT
friction
Yes
6,25
38,5 X 55,6
4 metal pegs
CCM02-F844LFT
SMT
friction
Yes
Yes
6,6
40,5 X 58
4 metal pegs
PCI Features
smartCard2011_6.0.qxd:2002 CCM Catalog.qxd
5/16/11
4:05 PM
Page 12


Similar Part No. - CCM02-F796LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM02-F503LFT CK-COMPONENTS-CCM02-F503LFT Datasheet
4Mb / 5P
   Operating life 500,000 cycles
CCM02-F504LFT CK-COMPONENTS-CCM02-F504LFT Datasheet
4Mb / 5P
   Operating life 500,000 cycles
CCM02-F844LFT CK-COMPONENTS-CCM02-F844LFT Datasheet
4Mb / 5P
   Operating life 500,000 cycles
More results

Similar Description - CCM02-F796LFT

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM02MK2 CK-COMPONENTS-CCM02MK2_V01 Datasheet
1Mb / 7P
   CCM02 MK2 Series
11 Nov 19
logo
ITT Industries
CCM02-2503 ITT-CCM02-2503 Datasheet
176Kb / 2P
   CCM02-2503
CCM02-1N0-3 ITT-CCM02-1N0-3 Datasheet
168Kb / 2P
   CCM02-1N0-3
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com