Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-01 Datasheet(PDF) 2 Page - Rohm

Part # SML-01
Description  Reflector type (3.0 x 2.0mm, t=1.3mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-01 Datasheet(HTML) 2 Page - Rohm

  SML-01_11 Datasheet HTML 1Page - Rohm SML-01_11 Datasheet HTML 2Page - Rohm SML-01_11 Datasheet HTML 3Page - Rohm SML-01_11 Datasheet HTML 4Page - Rohm SML-01_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
10
1
FORWARD VOLTAGE:VF (V)
2.5
3.0
3.5
Ta=25°C
100
10
1
FORWARD VOLTAGE:VF (V)
2.0
1.5
2.5
Ta=25°C
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT:IF (mA)
0
5
10
15
30
25
20
0
1.0
0.5
2.0
1.5
Ta=25°C
1.2
0.8
0.6
0.4
0.2
1.0
0.1
FORWARD CURRENT:IF (mA)
0
5
10
15
20
Ta=25°C
AMBIENT TEMPERATURE:Ta (°C)
40
30
20
10
0
20
-20
40
-40
60
80 100
0
AMBIENT TEMPERATURE:Ta (°C)
40
20
10
-40
-20
0
20
40
60
80
100
0
30
FORWARD VOLTAGE:VF (V)
1.5
2.0
2.5
1
10
100
Ta=25°C
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
40
-40
-20
0
20
40
60
80
100
30
FORWARD CURRENT:IF (mA)
0
0.8
0.4
1.2
1.6
10
0
20
30
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML012ECT
SML012BCT
SML012EC4T
SML012BC4T
SML013BDT
SML013WBDW
SML012ECT
SML012BCT
SML012EC4T
SML012BC4T
SML013BDT
SML013WBDW
SML-012VT(A)
SML-012WT(A)
SML-012UT
SML-011UT
SML-012DT
SML-011DT
SML-012YT
SML-011YT
SML-012PT(A)
SML-012V8T
SML-012U8T
SML-013UT
SML-012D8T
SML-012Y8T
SML-012M8T
SML-012P8T
SML-013YT
SML-012V8T
SML-012U8T
SML-012D8T
SML-012Y8T
SML-012M8T
SML-012P8T
SML-013UT
SML-013YT
SML-012V8T
SML-012U8T
SML-012D8T
SML-012Y8T
SML-012M8T
SML-012P8T
SML-013UT
SML-013YT
SML-012V8T
SML-012U8T
SML-012D8T
SML-012Y8T
SML-012M8T
SML-012P8T
SML-013UT
SML-013YT
SML-012VT(A)
SML-012WT(A)
SML-012PT(A)
SML-012UT
SML-011UT
SML-012DT
SML-011DT
SML-012YT
SML-011YT
SML-012VT(A)
SML-012UT
SML-011UT
SML-012DT
SML-011DT
SML-012WT(A)
SML-012YT
SML-011YT
SML-012PT(A)
SML-012VT(A)
SML-012WT(A)
SML-012UT
SML-011UT
SML-012DT
SML-011DT
SML-012YT
SML-011YT
SML-012PT(A)
SML012ECT
SML012BCT
SML012EC4T
SML012BC4T
SML013BDT
SML013WBDW
SML012ECT
SML012BCT
SML012EC4T
SML012BC4T
SML013BDT
SML013WBDW
SML-01 series
2/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-01_11

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-010 ROHM-SML-010 Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-010 ROHM-SML-010 Datasheet
88Kb / 5P
   Chip LEDs with reflectors SML-010 Series
SML-010DT ROHM-SML-010DT Datasheet
363Kb / 3P
   Standard Type Chip LEDs with reflector
SML-010DT ROHM-SML-010DT Datasheet
207Kb / 5P
   Chip LEDs with reflectors
SML-010DT ROHM-SML-010DT Datasheet
88Kb / 5P
   Chip LEDs with reflectors
More results

Similar Description - SML-01_11

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
LUMEX INC.
SML-LXT0805SIUGUBW LUMEX-SML-LXT0805SIUGUBW Datasheet
107Kb / 2P
   2.0mm X 1.3mm PCB SURFACE MOUNT
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Kingbright Corporation
AA3020EC KINGBRIGHT-AA3020EC Datasheet
133Kb / 6P
   3.0 x 2.0mm SINGLE COLOR SURFACE
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com