Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRX05-2A71 Datasheet(PDF) 1 Page - Meder Electronic

Part # MRX05-2A71
Description  MRX Reed Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MRX05-2A71 Datasheet(HTML) 1 Page - Meder Electronic

  MRX05-2A71 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MRX05-2A71
Item:
| Email: salesasia@meder.com
8705271200
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Inductance
Coil voltage
Rated power
= operating temperature + self heating
Thermal resistance
Pull-In voltage
Drop-Out voltage
Special Product Data
Conditions
Min
Typ
Max
Unit
A
Contact-form
!"#$
$" "%&
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
'()*$+,"-)$-
Start Value
Contact resistance static
.
RH <45 %, 200 V test voltage
Insulation resistance
Breakdown voltage
(
measured with 40% overdrive
Operate time incl. bounce
(
measured with no coil excitation
Release time
/
@ 10 kHz across open switch
Capacity
Environmental data
Conditions
Min
Typ
Max
Unit
.
RH <45%, 200 VDC test voltage
Insulation resistance Coil/Contact
0
according to IEC 255-5
Insulation voltage Coil/Contact
1
1/2 sine wave duration 11ms
Shock
1
from 10 - 2000 Hz
Vibration
2
3
Ambient temperature
2
3+
Storage temperature
2
4
wave sodering max. 5 sec.
Soldering temperature
fully sealed
Cleaning
Plastics / Polyamid
Housing material
Polyurethan
Sealing compound
Reed-Relay to be used for the galvanic separation
Remarks
of intrinsically safe and non-intrinsically safe
Remarks 1.
circuits with Ex-approval by PTB 01 ATEX 2050 U.
Remarks 2.
Modifications in the sense of technical progress are reserved
16.01.08
WKOVACS
ALICHTENSTEIN
05
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
14.07.08
KOLBRICH
KOLBRICH
Approval by:
Approval by:
28.01.08
Approval at:
Approval at:
22.07.08


Similar Part No. - MRX05-2A71

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MRX05-2A71_DE MEDER-MRX05-2A71_DE Datasheet
91Kb / 1P
   (deutsch) MRX Reed Relay
More results

Similar Description - MRX05-2A71

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MRX24-4A71 MEDER-MRX24-4A71 Datasheet
78Kb / 1P
   MRX Reed Relay
MRX06-1A71 MEDER-MRX06-1A71 Datasheet
74Kb / 1P
   MRX Reed Relay
MRX05-1A79 MEDER-MRX05-1A79 Datasheet
85Kb / 2P
   MRX Reed Relay
MRX12-2A79 MEDER-MRX12-2A79 Datasheet
77Kb / 1P
   MRX Reed Relay
MRX12-1A71 MEDER-MRX12-1A71 Datasheet
74Kb / 1P
   MRX Reed Relay
MRX12-1A79 MEDER-MRX12-1A79 Datasheet
74Kb / 1P
   MRX Reed Relay
MRX12-1C90 MEDER-MRX12-1C90 Datasheet
74Kb / 1P
   MRX Reed Relay
MRX05-1C21 MEDER-MRX05-1C21 Datasheet
85Kb / 2P
   MRX Reed Relay
MRX24-1A71 MEDER-MRX24-1A71 Datasheet
76Kb / 1P
   MRX Reed Relay
MRX12-1C21 MEDER-MRX12-1C21 Datasheet
74Kb / 1P
   MRX Reed Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com