Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH8M70 Datasheet(PDF) 7 Page - Rohm

Part # SH8M70
Description  10V Drive NchPch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M70 Datasheet(HTML) 7 Page - Rohm

  SH8M70 Datasheet HTML 1Page - Rohm SH8M70 Datasheet HTML 2Page - Rohm SH8M70 Datasheet HTML 3Page - Rohm SH8M70 Datasheet HTML 4Page - Rohm SH8M70 Datasheet HTML 5Page - Rohm SH8M70 Datasheet HTML 6Page - Rohm SH8M70 Datasheet HTML 7Page - Rohm SH8M70 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/7
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Data Sheet
SH8M70
N-ch
Measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.13 Switching Time Measurement Circuit
90%
50%
50%
10%
10%
90%
90%
10%
VGS
VDS
ton
toff
tr
td(on)
tr
td(off)
Pulse Width
Fig.14 Switching Waveforms
VGS
IG (Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.15 Gate Charge Measurement Circuit
VG
VGS
Charge
Qg
Qgs
Qgd
Fig.16 Gate Charge Waveform
P-ch
 Measurement circuit
Fig.17 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.18 Switching Waveforms
90%
90%
90%
10%
10%
10%
50%
50%
VGS
VDS
ton
toff
tr
td(on)
Pulse Width
tr
td(off)
Fig.19 Gate Charge Measurement Circuit
VGS
IG (Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.20 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd


Similar Part No. - SH8M70

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M70 ROHM-SH8M70 Datasheet
220Kb / 8P
   4V Drive NchPch MOSFET
SH8M70 ROHM-SH8M70 Datasheet
163Kb / 8P
   10V Drive NchPch MOSFET
SH8M70TB1 ROHM-SH8M70TB1 Datasheet
163Kb / 8P
   10V Drive NchPch MOSFET
SH8M70 ROHM-SH8M70_09 Datasheet
220Kb / 8P
   4V Drive NchPch MOSFET
More results

Similar Description - SH8M70

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M70TB1 ROHM-SH8M70TB1 Datasheet
163Kb / 8P
   10V Drive NchPch MOSFET
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com