Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH8M70 Datasheet(PDF) 4 Page - Rohm

Part # SH8M70
Description  10V Drive NchPch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8M70 Datasheet(HTML) 4 Page - Rohm

  SH8M70_10 Datasheet HTML 1Page - Rohm SH8M70_10 Datasheet HTML 2Page - Rohm SH8M70_10 Datasheet HTML 3Page - Rohm SH8M70_10 Datasheet HTML 4Page - Rohm SH8M70_10 Datasheet HTML 5Page - Rohm SH8M70_10 Datasheet HTML 6Page - Rohm SH8M70_10 Datasheet HTML 7Page - Rohm SH8M70_10 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/7
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Data Sheet
SH8M70
N-ch
Electrical characteristic curves
1
10
100
1000
0.01
0.1
1
10
100
1000
Drain-Source Voltage : VDS(V)
Ciss
Coss
Crss
f=1MHz
VGS=0V
Ta=25
°C
Pulsed
Fig.1 Typical Capacitance vs.
Drain-Source Voltage
1
10
100
1000
10000
0.01
0.1
1
10
Drain Current : ID(A)
td(off)
tf
tr
td(on)
Ta=25
°C
VDD=125V
VGS=10V
RG=10
Ω
Pulsed
Fig.2 Switching Characteristics
1
10
100
1000
0.1
1
10
Reverse Drain Current : IDR(A)
Fig.3 Reverse Recovery Time vs.
Reverse Drain Current
Ta=25
°C
di/dt=100A/
μs
VGS=0V
Pulsed
0
5
10
15
01234567
Total Gate Charge : Qg(nC)
Ta=25
°C
VDD=125V
ID=3A
Pulsed
Fig.4 Dynamic Input Characteristics
0.01
0.1
1
10
02
4
8
6
Gate-Source Voltage : VGS (V)
Ta=-25
°C
25
°C
75
°C
125
°C
VDS=10V
Pulsed
Fig.5 Typical Transfer
Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
Gate-Source Voltage : VGS(V)
ID=3A
1.5A
Ta=25
°C
Pulsed
Fig.6 Static Drain-Source On-State
Resistance vs.Gate-Source Voltage
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
Source-Drain Voltage : VSD(V)
Ta=-25
°C
25
°C
75
°C
125
°C
VGS=0V
Pulsed
Fig.7 Source Current vs.
Source-Drain Voltage
0.1
1
10
0.1
1
10
Drain Current : ID(A)
Ta=125
°C
75
°C
25
°C
-25
°C
VGS=10V
Pulsed
Fig.8 Static Drain-Source On-State
Resistance vs. Drain Current
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
150
75
100 125
Temperature : Tch (
°C)
VGS=10V
Pulsed
ID=3.0A
1.5A
Fig.9 Static Drain-Source On-State
Resistance vs. Channel Temperature


Similar Part No. - SH8M70_10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M70TB1 ROHM-SH8M70TB1 Datasheet
163Kb / 8P
   10V Drive NchPch MOSFET
SH8M70 ROHM-SH8M70_09 Datasheet
220Kb / 8P
   4V Drive NchPch MOSFET
More results

Similar Description - SH8M70_10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8M70TB1 ROHM-SH8M70TB1 Datasheet
163Kb / 8P
   10V Drive NchPch MOSFET
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com