Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA825AP-11-2 Datasheet(PDF) 1 Page - ORION FANS

Part # OA825AP-11-2
Description  80 x 25mm (3.15??x 1.0??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA825AP-11-2 Datasheet(HTML) 1 Page - ORION FANS

  OA825AP-11-2 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
5
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA825 Series
80 x 25mm
(3.15” x 1.0”)
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Dual Voltage
Connection via 4x leads.
Fans can be configured for
115V or 230V operation.
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires 22AWG or
terminals
Motor
Shaded pole, impedance
protected
Bearing System
Dual ball or Sleeve
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
(1.06")
(2.81")
(3.15")
4.3
.2 (.169") DIA.
HOLE THRU (FAR WALL)
TYP. 8 PLACES
27.0
0.5
80.0
0.5
71.5
0.3
Model Number
Speed (RPM) Airflow (CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure (“H2O)
OA825AP-11-1*
3000
25
28
115
80~130
9
.21
OA825AP-11-2*
2300
18
24
115
80~130
6
.14
OA825AP-11-3*
1900
16
19
115
80~130
4
.11
OA825AP-22-1*
3000
25
28
230
160~260
9
.21
OA825AP-22-2*
2300
18
24
230
160~260
6
.14
OA825AP-22-3*
1900
16
19
230
160~260
4
.11
OA825AP-11/22-1W**
3000
25
28
115/230
80~260
9
.21
OA825AP-11/22-2W**
2300
18
24
115/230
80~260
6
.14
OA825AP-11/22-3W**
1900
16
19
115/230
80~260
4
.11
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
** Indicate “B” (Ball Bearing) or “S” (Sleeve Bearing)
m0
77282 2009_fan_cat sec 1:Layout 1
8/3/09
8:57 AM
Page 5


Similar Part No. - OA825AP-11-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA825AP-11-2 ORIONFANS-OA825AP-11-2 Datasheet
397Kb / 1P
   AC Fan - 115V, 230V 80 x 25mm (3.15??x 1.0??
More results

Similar Description - OA825AP-11-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA825 ORIONFANS-OA825_16 Datasheet
397Kb / 1P
   AC Fan - 115V, 230V 80 x 25mm (3.15??x 1.0??
OD8025 ORIONFANS-OD8025 Datasheet
123Kb / 1P
   DC Fan 80x25mm (3.15 x 1.0)
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA80 ORIONFANS-OA80_16 Datasheet
212Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA92 ORIONFANS-OA92_16 Datasheet
385Kb / 1P
   AC Fan - 115V, 230V 92 x 25mm (3.62??x 1.0??
OA125 ORIONFANS-OA125_16 Datasheet
3Mb / 1P
   AC Fan - 115V, 230V 120 x 25mm (4.7??x 1.0??
OA225 ORIONFANS-OA225 Datasheet
131Kb / 1P
   225 x 80mm (8.86??x 3.15??
OA80 ORIONFANS-OA80 Datasheet
111Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15??x 1.5??
OA92 ORIONFANS-OA92 Datasheet
95Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 92 x 25mm(3.62??x 1.0??
OA125 ORIONFANS-OA125 Datasheet
95Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 120 x 25mm (4.7??x 1.0??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com