Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS110AG Datasheet(PDF) 2 Page - Rohm

Part # SCS110AG
Description  SiC Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS110AG Datasheet(HTML) 2 Page - Rohm

  SCS110AG Datasheet HTML 1Page - Rohm SCS110AG Datasheet HTML 2Page - Rohm SCS110AG Datasheet HTML 3Page - Rohm SCS110AG Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
SCS110AG
 
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
FORWARD VOLTAGE : VF (V)
Ta= 125
°C
Ta= 75
°C
Ta=
-25°C
Ta= 25
°C
pulsed
Fig.1 VF-IF Characteristics
0
5
10
15
0
0.5
1
1.5
2
2.5
FORWARD VOLTAGE : VF (V)
Ta= 125
°C
Ta= 75
°C
Ta=-25
°C
Ta= 25
°C
pulsed
Fig.2 VF-IF Characteristics
1
10
100
1000
10000
100000
0
200
400
600
REVERSE VOLTAGE : VR (V)
Ta= 125
°C
Ta= 75
°C
Ta=
-25°C
Ta= 25
°C
Fig.3 VR-IR Characteristics
1
10
100
1000
0.01
0.1
1
10
100
1000
REVERSE VOLTAGE : VR [V]
Ta=25
°C
f=1MHz
Fig.4 VR-Ct Characteristics
Fig.5 Thermal Resistance vs Pulse Width
Fig.6 Power Dissipation
0.01
0.1
1
10
0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
PULSE WIDTH : Pw ( s )
Ta=25
°C
Single Pulse
0
10
20
30
40
50
60
70
80
0
30
60
90
120
150
CASE TEMPERATURE : Tc (℃)
2/3
2011.04 - Rev.A


Similar Part No. - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS110AG ROHM-SCS110AG Datasheet
136Kb / 1P
   SiC Schottky Barrier Diodes
SCS110AG ROHM-SCS110AG Datasheet
442Kb / 4P
   SiC Schottky Barrier Diode
SCS110AG ROHM-SCS110AG Datasheet
114Kb / 2P
   Part No. Explanation
SCS110AGC ROHM-SCS110AGC Datasheet
442Kb / 4P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com